Electronic Components Datasheet Search
  English  ▼

X  

SY87701V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY87701V
Description  5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87701V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY87701V Datasheet HTML 1Page - Micrel Semiconductor SY87701V Datasheet HTML 2Page - Micrel Semiconductor SY87701V Datasheet HTML 3Page - Micrel Semiconductor SY87701V Datasheet HTML 4Page - Micrel Semiconductor SY87701V Datasheet HTML 5Page - Micrel Semiconductor SY87701V Datasheet HTML 6Page - Micrel Semiconductor SY87701V Datasheet HTML 7Page - Micrel Semiconductor SY87701V Datasheet HTML 8Page - Micrel Semiconductor SY87701V Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SY87701V
2
Micrel
PIN DESCRIPTIONS
INPUTS
RDINP, RDINN [Serial Data Input] Differential PECL.
These built-in line receiver inputs are connected to the
differential receive serial data stream. An internal receive
PLL recovers the embedded clock (RCLK) and data
(RDOUT) information. The incoming data rate can be within
one of eight frequency ranges depending on the state of
the FREQSEL pins. See “Frequency Selection” Table.
REFCLK [Reference Clock] TTL input.
This input is used as the reference for the internal
frequency synthesizer and the “training” frequency for the
receiver PLL to keep it centered in the absence of data
coming in on the RDIN inputs.
CD [Carrier Detect] PECL Input.
This input controls the recovery function of the Receive
PLL and can be driven by the carrier detect output of optical
modules or from external transition detection circuitry. When
this input is HIGH the input data stream (RDIN) is recovered
normally by the Receive PLL. When this input is LOW the
data on the inputs RDIN will be internally forced to a constant
LOW, the data outputs RDOUT will remain LOW, the Link
Fault Indicator output LFIN forced LOW and the clock
recovery PLL forced to lock onto the clock frequency
generated from REFCLK.
PLLSP
TCLKN
18
11
PLLSN
CLKSEL
17
12
GND
PLLRP
16
13
GND
PLLRN
15
14
1
VCCA
LFIN
DIVSEL1
RDINP
RDINN
FREQSEL1
REFCLK
FREQSEL2
FREQSEL3
N/C
28 VCC
CD
DIVSEL2
RDOUTP
RDOUTN
VCCO
RCLKP
RCLKN
VCCO
TCLKP
27
26
25
24
23
22
21
20
19
2
3
4
5
6
7
8
9
10
Top View
SOIC
Z28-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
NC
RDINP
RDINN
FREQSEL1
REFCLK
FREQSEL2
FREQSEL3
NC
RDOUTP
RDOUTN
VCCO
RCLKP
RCLKN
VCCO
TCLKP
TCLKN
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
Top View
EP-TQFP
H32-1
FREQSEL1, ..., FREQSEL3 [Frequency Select] TTL
Inputs.
These inputs select the output clock frequency range as
shown in the “Frequency Selection” Table.
DIVSEL1, DIVSEL2 [Divider Select] TTL Inputs.
These inputs select the ratio between the output clock
frequency (RCLK/TCLK) and the REFCLK input frequency
as shown in the “Reference Frequency Selection” Table.
CLKSEL [Clock Select] TTL Input.
This input is used to select either the recovered clock of
the receiver PLL (CLKSEL = HIGH) or the clock of the
frequency synthesizer (CLKSEL = LOW) to the TCLK
outputs.
OUTPUTS
LFIN [Link Fault Indicator] TTL Output.
This output indicates the status of the input data stream
RDIN. Active HIGH signal is indicating when the internal
clock recovery PLL has locked onto the incoming data
stream. LFIN will go HIGH if CD is HIGH and RDIN is within
the frequency range of the Receive PLL (1000ppm). LFIN
is an asynchronous output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com