Electronic Components Datasheet Search
  English  ▼

X  

SY88902 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88902
Description  LASER DIODE DRIVER WTIH OUTPUT ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88902 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88902 Datasheet HTML 1Page - Micrel Semiconductor SY88902 Datasheet HTML 2Page - Micrel Semiconductor SY88902 Datasheet HTML 3Page - Micrel Semiconductor SY88902 Datasheet HTML 4Page - Micrel Semiconductor SY88902 Datasheet HTML 5Page - Micrel Semiconductor SY88902 Datasheet HTML 6Page - Micrel Semiconductor SY88902 Datasheet HTML 7Page - Micrel Semiconductor SY88902 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY88902
Micrel
Pin
Function
VCC
Most positive power supply input, +5V for PECL
operation.
GND
Ground
DIN, /DIN
These differential PECL 100K compatible inputs
receive NRZ data.
/EN
This PECL 100K compatible input enables
Laser Driver. Modulation current goes to zero
when asserted HIGH.
OUT, /OUT
Open collector outputs from the modulation
buffer drive these differential current outputs.
VREF
Voltage reference for use with RSET.
RSET
An external resistor sets up the source current
for modulation Imod.
D
D
/EN
OUT (2)
/OUT
LH
LH
L
H
LLL
H
XX
H
H
L
NOTES:
1. L = LOW, H = HIGH, X = don't care
2. H = IOUT = OmA
PIN NAMES
TRUTH TABLE(1)
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
0 to +7.0
V
VI
Input Voltage
0 to VCC
V
IO
Output Current
25
mA
TA
Operating Temperature Range
0 to +85
°C
Tstore
Storage Temperature Range
–55 to +125
°C
Ptot
Power Dissipation
250
mW
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions for extended
periods may affect device reliability.
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
+4.5 to +5.5
V
REXT
Resistor to Dissipate Power
10 to 50
Ω
RSER
Laser Diode Serial Resistor
0 to 50
Ω
RSET
Resistor to Adjust Current
1500 to 50,000
Ω
ΘJA
Thermal Resistance of Package to Ambient(2)
206
°C/W
COUT
Capacitance on OUT + /OUT
2.5 typical
pf
OPERATIONING CONDITIONS(1)
NOTES:
1. The voltage drop across REXT and RSER plus Laser Diode should not be greater than 2V.
2. Still air without heatsink.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com