Electronic Components Datasheet Search
  English  ▼

X  

SY88943V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88943V
Description  5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88943V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88943V Datasheet HTML 1Page - Micrel Semiconductor SY88943V Datasheet HTML 2Page - Micrel Semiconductor SY88943V Datasheet HTML 3Page - Micrel Semiconductor SY88943V Datasheet HTML 4Page - Micrel Semiconductor SY88943V Datasheet HTML 5Page - Micrel Semiconductor SY88943V Datasheet HTML 6Page - Micrel Semiconductor SY88943V Datasheet HTML 7Page - Micrel Semiconductor SY88943V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY88943V
Micrel
General
The SY88943V is an integrated limiting amplifier intended
for high-frequency fiber-optic applications. The circuit
connects to typical transimpedance amplifiers found within
a fiber-optics link. The linear signal output from a
transimpedance amplifier can contain significant amounts
of noise, and may vary in amplitude over time. The
SY88943V limiting amplifier quantizes the signal and outputs
a voltage-limited waveform.
The EN pin allows the user to disable the output signal
without removing the input signal.
GENERAL DESCRIPTION
Symbol
Rating
Value
Unit
V
CC
Power Supply Voltage
0 to +7.0
V
D
IN, /DIN
Input Voltage
0 to V
CC
V
D
OUT, /DOUT
Output Voltage (with 50
Ω load)
V
CC –2.5 to VCC +0.3
V
EN
Input Voltage
0 to V
CC
V
SD
LVL
Input Voltage
0 to V
CC
V
V
REF
Output Voltage
V
CC –2.0 to VCC
V
T
A
Operating Temperature Range
–40 to +85
°C
T
store
Storage Temperature Range
–55 to +125
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions for extended
periods may affect device reliability.
Pin
Type
Function
D
IN
Data Input
Data Input
/D
IN
Data Input
Inverting Data Input
SD
LVL
Input
SD Level Set
EN
TTL Input
Output Enable (Active High)
SD
TTL Output
Signal Detect
(Open Collector)
GND
Ground
Ground
/D
OUT
PECL Output
Inverting Data Output
D
OUT
PECL Output
Data Output
V
CC
Power Supply
Positive Power Supply
V
REF
Output
Reference Voltage Output for
SD Level Set (see Fig. 3)
PIN NAMES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com