Electronic Components Datasheet Search
  English  ▼

X  

SY89420VJC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89420VJC
Description  5V/3.3V DUAL PHASE LOCKED LOOP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89420VJC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89420VJC Datasheet HTML 1Page - Micrel Semiconductor SY89420VJC Datasheet HTML 2Page - Micrel Semiconductor SY89420VJC Datasheet HTML 3Page - Micrel Semiconductor SY89420VJC Datasheet HTML 4Page - Micrel Semiconductor SY89420VJC Datasheet HTML 5Page - Micrel Semiconductor SY89420VJC Datasheet HTML 6Page - Micrel Semiconductor SY89420VJC Datasheet HTML 7Page - Micrel Semiconductor SY89420VJC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ClockWorks™
SY89420V
Micrel
S3B
S2B
S1B
Divide-by-N
Output Frequency Range (MHz)
0
0
0
N =2
240 – 560
0
0
1
N = 4
120 – 280
0
1
0
N = 8
60 – 140
0
1
1
N = 16
30– 70
1
0
0
N = 1
480 – 1120
1
0
1
N = 10
48 – 112
1
1
0
N = 12
40 – 93.3
1
1
1
N = 20
24 – 56
S2A
S1A
Divide-by-N
Output Frequency Range (MHz)
0
0
N = 2
240 – 560
0
1
N = 4
120 – 280
1
0
N = 8
60 – 140
1
1
N = 16
30 – 70
FREQUENCY SELECTION TABLE
PLLA
PLLB
S4B
Divide-by-P
Max. Feedback Frequency (MHz)
0
P =1
560
1
P = 2
1120
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage
–0.5 to +7.0
V
VI
TTL Input Voltage(2)
–0.5 to 6.0
V
II
TTL Input Current(2)
–30 to +5.0
mA
IOUT
ECL Output Current
mA
— Continuous
50
— Surge
100
Tstore
Storage Temperature
–65 to +150
°C
TA
Operating Temperature Range(3)
0 to +85
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATING conditions
for extended periods may affect device reliability.
2. Either voltage limit or current limit is sufficient to protect input.
3. All DC and AC electrical characteristics are specified over the operating temperature range.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com