Electronic Components Datasheet Search
  English  ▼

X  

SY89423V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89423V
Description  5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89423V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89423V Datasheet HTML 1Page - Micrel Semiconductor SY89423V Datasheet HTML 2Page - Micrel Semiconductor SY89423V Datasheet HTML 3Page - Micrel Semiconductor SY89423V Datasheet HTML 4Page - Micrel Semiconductor SY89423V Datasheet HTML 5Page - Micrel Semiconductor SY89423V Datasheet HTML 6Page - Micrel Semiconductor SY89423V Datasheet HTML 7Page - Micrel Semiconductor SY89423V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ClockWorks™
SY89423V
Micrel
BLOCK DIAGRAM
LOOP FILTER COMPONENT SELECTION
C
= 1.0
µF ±10% (X7R dielectric)
R
= 560
Ω ±10%
R
C
F1X
F2X
FOUTA
FOUTA
÷ 2
RINA
RINA
LOOP
FILTER
F1A
F2A
VCO
FINA
FINA
HFOUTA
HFOUTA
HFINA
HFINA
M
U
X
1
0
S3A
FOUTB
FOUTB
÷ NB
(1, 2, 4, 8, 10, 12, 16, 20)
S1B
S2B
S3B
÷ 2
RINB
RINB
LOOP
FILTER
F1B
F2B
VCO
FINB
PHASE-FREQUENCY
DETECTOR
FINB
D
HFOUTB
HFOUTB
HFINB
HFINB
M
U
X
0
1
S4B
÷ P
(1, 2)
S5B
D
D
÷ NA
(2, 4, 8, 16)
S1A
S2A
PHASE-FREQUENCY
DETECTOR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com