Electronic Components Datasheet Search
  English  ▼

X  

SY89424V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89424V
Description  5V/3.3V FREQUENCY SYNTHESIZER 60MHz to 1GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89424V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89424V Datasheet HTML 1Page - Micrel Semiconductor SY89424V Datasheet HTML 2Page - Micrel Semiconductor SY89424V Datasheet HTML 3Page - Micrel Semiconductor SY89424V Datasheet HTML 4Page - Micrel Semiconductor SY89424V Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ClockWorks™
SY89424V
Micrel
Input
S1
S2
S3
FOUT, FOUT
Frequency Range MHz
FOSC(1)
0
0
0
24X FOSC
240 – 480
0
0
1
12X FOSC
120 – 240
0
1
0
8X FOSC
80 – 160
0
1
1
6X FOSC
60 – 120
1
0
0
50X FOSC
500 – 1000
1
0
1
25X FOSC
250 – 500
1
1
0
16.67X FOSC
167 – 333
1
1
1
12.5X FOSC
125 – 250
PIN NAMES
Pin
Function
I/O
XTAL1
Crystal Input 1
(PECL)
I/O
XTAL2
Crystal Input 2
(PECL)
I/O
F1
Filter Pin 1
—
F2
Filter Pin 2 (Reference)
—
VCCQ
Positive Power Supply (Charge Pump)
—
S1
Select Input 1
(TTL)
I
S2
Select Input 2
(TTL)
I
S3
Select Input 3
(TTL)
I
FOUT
Output
(PECL)
O
FOUT
Complement Output (PECL)
O
VCC
Positive Power Supply (Logic)
—
VCCO
Positive Power Supply (PECL Outputs)
—
OE
Output Enable
(TTL)
I
VEE
Negative Power Suppy (0.0V)
—
PDR1
Pulldown Resistor
(100
Ω)
—
PDR2
Pulldown Resistor
(100
Ω)
—
PIN CONFIGURATION
FREQUENCY SELECTION TABLE
NOTE:
1. FOSC = 10MHz to 25MHz.
ABSOLUTE MAXIMUM RATING(1)
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage
–0.5 to +7.0
V
VI
TTL Input Voltage(2)
–0.5 to 6.0
V
II
TTL Input Current(2)
–30 to +5.0
mA
IOUT
ECL Output Current
–Continuous
50
mA
–Surge
100
Tstore
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +75
°C
NOTES:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATING conditions
for extended periods may affect device reliability.
2. Either voltage limit or current limit is sufficient to protect input.
VEE
F1
PDR1
Top View
Gullwing
116
2
15
3
14
413
512
6
11
7
10
89
OE
XTAL1
XTAL2
S1
VCCQ
VCC
S3
F2
FOUT
FOUT
PDR2
VCCO
S2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com