Electronic Components Datasheet Search
  English  ▼

X  

SY89425 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89425
Description  DUAL SONET OC-12 CLOCK SYNTHESIZER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89425 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89425 Datasheet HTML 1Page - Micrel Semiconductor SY89425 Datasheet HTML 2Page - Micrel Semiconductor SY89425 Datasheet HTML 3Page - Micrel Semiconductor SY89425 Datasheet HTML 4Page - Micrel Semiconductor SY89425 Datasheet HTML 5Page - Micrel Semiconductor SY89425 Datasheet HTML 6Page - Micrel Semiconductor SY89425 Datasheet HTML 7Page - Micrel Semiconductor SY89425 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ClockWorks™
SY89425
Micrel
INPUTS
RFCKB [Reference Clock B] TTL
Reference clock in for PLL B. (38.88, 51.84 or 77.76MHz).
SEL39B [38.88MHz Select B] TTL
Logic HIGH on this pin denotes a 38.88MHz input reference
clock for PLL B. Tie to logic LOW if input is not 38.88MHz.
SEL78B [77.76MHz Select B] TTL
Logic HIGH on this pin denotes a 77.76MHz input reference
clock for PLL A. Tie to logic LOW if input is not 77.76MHz.
RSTB [Reset B] TTL
Tie to logic LOW for normal operation; logic HIGH forces reset
of internal Phase Detector & feedback dividers on PLL B.
FLTRBP, FLTRBN (Loop Filter B, Pos & Neg) Analog.
Connect a series RC loop filter between these pins. The
suggested loop filter is 0.1
µF and 500 ohms, as shown in the
typical application on page 3-9.
RSTA (Reset A) TTL
Tie to logic LOW for normal operation; logic HIGH forces reset
of internal Phase Detector & feedback dividers on PLL A.
SEL78A [77.76MHz Select A] TTL
Logic HIGH on this pin denotes a 77.76MHz input reference
clock for PLL A. Tie to logic LOW if input is not 77.76MHz.
SEL39A [38.88MHz Select A] TTL
Logic HIGH on this pin denotes a 38.88MHz input reference
clock for PLL A. Tie to logic LOW if input is not 38.88MHz.
PIN DESCRIPTION
REFCKA [Reference Clock A] TTL
Reference clock in for PLL A.
FLTRAP, FLTRAN (Loop Filter A, Pos & Neg) Analog.
Connect a series RC loop filter between these pins. The
suggested loop filter is 0.1
µF and 500 ohms, as shown in the
typical application on page 5-527.
OUTPUTS
CK622BP, CK622BN (Clock Out B) Differential PECL
622.08MHz output clock from PLL B.
CK622AP, CK622AN (Clock Out A)
Differential PECL
622.08MHz output clock from PLL A.
POWER & GROUND
VCCA
+5V for PLL A.
VCCB
+5V for PLL B.
VCCOA
+5V for PLL A PECL outputs.
VCCOB
+5V for PLL B PECL outputs.
GND
Ground (0 volts)
REFERENCE FREQUENCY SELECTION
SEL39
SEL78
fRFCK
0
0
51.84
0
1
77.76
1
0
38.88
1
1
77.76
Symbol
Parameter
Rating
Unit
VCC
Power Supply
0 to +7
V
VI
Input Voltage
0 to VCC
V
IOUT
Output Current
–Continuous
50
mA
–Surge
100
TA
Operatimg Temperature Range
0 to +85
°C
Tstore
Storage Temperature Range
–65 to +150
°C
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATING conditions
for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com