Electronic Components Datasheet Search
  English  ▼

X  

SY89426JC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89426JC
Description  SONET OC-12/OC-3 CLOCK SYNTHESIZER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89426JC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89426JC Datasheet HTML 1Page - Micrel Semiconductor SY89426JC Datasheet HTML 2Page - Micrel Semiconductor SY89426JC Datasheet HTML 3Page - Micrel Semiconductor SY89426JC Datasheet HTML 4Page - Micrel Semiconductor SY89426JC Datasheet HTML 5Page - Micrel Semiconductor SY89426JC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ClockWorks™
SY89426
Micrel
FUNCTIONAL BLOCK DIAGRAM
INPUTS
RFCK [Reference Clock] TTL
Reference clock IN. (38.88, 51.84 or 77.76MHz).
SEL39 [38.88MHz Select] TTL
Logic HIGH on this pin denotes a 38.88MHz input reference
clock. Tie to logic LOW if input is not 38.88MHz.
SEL78 [77.76MHz Select] TTL
Logic HIGH on this pin denotes a 77.76MHz input reference
clock. Tie to logic LOW if input is not 77.76MHz.
RST [Reset] TTL
Tie to logic LOW for normal operation; logic HIGH forces reset
of internal Phase Detector & feedback dividers.
FLTRP, FLTRN [Loop Filter, Pos & Neg] Analog
Connect a series RC loop filter between these pins. The
suggested RC values are 500
Ω and 0.1µF, as shown in the
Typical Application.
DISC [Disable Clock] TTL
Logic HIGH on this pin disables the Retimed Reference Clock
output RETRFCK); if this output is not required, it is
recommended that it be disabled to reduce switching noise. A
logic LOW enables the output.
PIN DESCRIPTION
OUTPUTS
CK622P, CK622N [622 Clock Output] Differential PECL.
622.08MHz output clock from PLL B.
CK155 [155 Clock Out] Single-ended PECL
155.52MHz output clock.
RETRFCK [Retimed Reference Clock Out] TTL
An output clock with the same frequency as the input Reference
Clock (RFCK) and a 45-55% duty cycle. This output is derived
by dividing the 622.08MHz output by the appropriate factor
(e.g., divide by 16 for a 38.88MHz inout reference; divide by
12 for 51.84Mhz in; or divide by 8 for 77.76MHz in).
POWER & GROUND
VCC
+5V for internal circuits.
VCCO
+5V for PECL outputs.
GND
Ground (0 volts).
FLTRP/N
VCCO
57
RFCK
(TTL)
SEL39
(TTL)
SEL78
(TTL)
RST
(TTL)
CK622P
(PECL)
CK622N
CK155
(PECL)
RETRFCK
(TTL)
DISC
(TTL)
Φ/f
CHG
PUMP
622MHz
VCO
FEEDBACK
÷ 2/3/4
DIVIDER
÷ 4
VCCA GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com