Electronic Components Datasheet Search
  English  ▼

X  

SY89429V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89429V
Description  5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89429V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89429V Datasheet HTML 1Page - Micrel Semiconductor SY89429V Datasheet HTML 2Page - Micrel Semiconductor SY89429V Datasheet HTML 3Page - Micrel Semiconductor SY89429V Datasheet HTML 4Page - Micrel Semiconductor SY89429V Datasheet HTML 5Page - Micrel Semiconductor SY89429V Datasheet HTML 6Page - Micrel Semiconductor SY89429V Datasheet HTML 7Page - Micrel Semiconductor SY89429V Datasheet HTML 8Page - Micrel Semiconductor SY89429V Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ClockWorks™
SY89429V
Micrel
BLOCK DIAGRAM
DETAILED BLOCK DIAGRAM
NOTE:
Pin numbers reference PLCC pinout.
+3.3V
or
+5.0V
PHASE DETECTOR
PLL
÷ M
÷ 8
OSC
INTERFACE
LOGIC
SERIAL
PARALLEL
÷ N
FREF
PECL
FOUT
400 – 800MHz
TEST
CONFIG INFO
3 WIRE
INTERFACE
10-25MHz
Fundamental
Crystal
VCO
7
FOUT ÷ 4 —
S_CLOCK ÷ M —
LOW —
FOUT —
÷ M —
FREF —
HIGH —
+3.3V
or
+5.0V
PHASE DETECTOR
÷ 8
OSC
FREF
FOUT
VCO
400 - 800
MHz
LOOP_FILTER
LOOP_REF
VCC_QUIET
23
1
XTAL1
XTAL2
25
VCC_OUT
FOUT
24
23
LATCH
3-BIT SR
01
01
6, 21
8 -> 16
9
M[8:0]
17,18
N[1:0]
19,22
S_CLOCK
S_DATA
P_LOAD
S_LOAD
4
5
28
7
27
26
10–25MHz
Fundamental
Crystal
VCC1
÷ N
(2,4,8,16)
2
10
9-BIT ÷ M
COUNTER
LATCH
LATCH
2-BIT SR
9-BIT SR
TEST
20
T110
+3.3V
or
+5.0V
+3.3V
or
+5.0V
150
3300pF
0.47µF
L = LATCH
H = Transparent
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com