Electronic Components Datasheet Search
  English  ▼

X  

SY89801A Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89801A
Description  HP PA-8000 CLOCK SOURCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89801A Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89801A Datasheet HTML 1Page - Micrel Semiconductor SY89801A Datasheet HTML 2Page - Micrel Semiconductor SY89801A Datasheet HTML 3Page - Micrel Semiconductor SY89801A Datasheet HTML 4Page - Micrel Semiconductor SY89801A Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ClockWorks™
PRELIMINARY
SY89801A
Micrel
PECL DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VOH
Output HIGH Voltage
VCC – 1.075
—
VCC – 0.830
V
VOL
Output LOW Voltage
VCC – 1.860
—
VCC – 1.570
V
VIH
Input HIGH Voltage
VCC – 1.165
—
VCC – 0.880
V
VIL
Input LOW Voltage
VCC – 1.810
—
VCC – 1.475
V
VBB
PECL Threshold
—
VCC – 1.35
—
V
VCC = 3.3V
±10%; VEE = –1.9V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VCC
Power Supply Voltage
3.0
—
3.6
V
VEE = –1.9V
ICC
Power Supply Current (VCC)
—
250
321
mA
3.3V DC ELECTRICAL CHARACTERISTICS
VCC = VCCA = 3.3V
±10%; VEEA = VEE = –1.9V
Symbol
Parameter
Min.
Typ. Max. Min.
Typ. Max. Min.
Typ. Max. Unit
Condition
fVCO
Maximum VCO Frequency
1320
—
—
1320
—
—
1320
—
—
MHz
fMAX
Maximum PCLK Output Frequency
264
—
—
264
—
—
264
—
—
MHz
Maximum RCLK Output Frequency
132
—
—
132
—
—
132
—
—
MHz
tskew(2)
PCLK to PCLK
—
—
±50
—
—
±50
—
—
±50
ps
Measured at
RCLK to RCLKLV
—
—
±100
—
—
±100
—
—
±100
ps
differential
PCLK to RCLK
—
—
±100
—
—
±100
—
—
±100
ps
crossover
PCLK (neg.) to USYNC
—
—
±500
—
—
±500
—
—
±500
ps
tpe
Phase Error
—
—
±250
—
—
±250
—
—
±250
ps
RCLK to REF_CLK
tj(2)
Output Jitter
–50
—
+50
–50
—
+50
–50
—
+50
ps
Peak to Peak,
Cycle to Cycle
tdc(2)
Output Duty Cycle
49
—
51
49
—
51
49
—
51
%
tr
Rise/Fall Times
100
—
800
100
—
800
100
—
800
ps
tf
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS(1)
VCC = 3.3V
±10%; VEE = –1.9V
NOTES:
1. All HSTL outputs terminated into 50 ohms in parallel with 3pf to GND.
2. tskew, tj, tdc, tr and tf are specified by HP for the PA-8000. This is our best information as of the date of this document.
TA = 0
°CTA = +25°CTA = +70°C
(2)
HSTL DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VOH
Output HIGH Voltage
VCC – 2.3
—
VCC – 2.1
V
VOL
Output LOW Voltage
VCC – 3.1
—
VCC – 2.9
V
VCC = 3.3V
±10%; VEE = –1.9V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com