Electronic Components Datasheet Search
  English  ▼

X  

24AA00 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA00
Description  128 Bit I2C Bus Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA00 Datasheet(HTML) 1 Page - Microchip Technology

  24AA00 Datasheet HTML 1Page - Microchip Technology 24AA00 Datasheet HTML 2Page - Microchip Technology 24AA00 Datasheet HTML 3Page - Microchip Technology 24AA00 Datasheet HTML 4Page - Microchip Technology 24AA00 Datasheet HTML 5Page - Microchip Technology 24AA00 Datasheet HTML 6Page - Microchip Technology 24AA00 Datasheet HTML 7Page - Microchip Technology 24AA00 Datasheet HTML 8Page - Microchip Technology 24AA00 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2003 Microchip Technology Inc.
DS21178D-page 1
24AA00/24LC00/24C00
Device Selection Table
Features
• Low-power CMOS technology
- 500
µA typical active current
- 250 nA typical standby current
• Organized as 16 bytes x 8 bits
• 2-wire serial interface bus, I2C™ compatible
• 100 kHz (1.8V) and 400 kHz (5V) compatibility
• Self-timed write cycle (including auto-erase)
• 4 ms maximum byte write cycle time
• 1,000,000 erase/write cycles
• ESD protection > 4 kV
• Data retention > 200 years
• 8L DIP, SOIC, TSSOP and 5L SOT-23 packages
• Standard or Pb-free finish available
• Temperature ranges available:
Description
The
Microchip
Technology
Inc.
24AA00/24LC00/
24C00 (24XX00*) is a 128-bit Electrically Erasable
PROM memory organized as 16 x 8 with a 2-wire serial
interface. Low voltage design permits operation down
to 1.8 volts for the 24XX00 version, and every version
maintains a maximum standby current of only 1
µA and
typical active current of only 500
µA. This device was
designed for where a small amount of EEPROM is
needed for the storage of calibration values, ID
numbers or manufacturing information, etc. The
24XX00 is available in 8-pin PDIP, 8-pin SOIC (150
mil), 8-pin TSSOP and the 5-pin SOT-23 packages.
Package Types
Block Diagram
Pin Function Table
Device
VCC Range
Temp Range
24AA00
1.8 - 5.5
C,I
24LC00
2.5 - 5.5
C,I
24C00
4.5 - 5.5
C,I,E
- Commercial (C):
0
°Cto +70°C
- Industrial (I):
-40
°Cto +85°C
- Automotive (E):
-40
°C to +125°C
Name
Function
VSS
Ground
SDA
Serial Data
SCL
Serial Clock
VCC
+1.8V to 5.5V (24AA00)
+2.5V to 5.5V (24LC00)
+4.5V to 5.5V (24C00)
NC
No Internal Connection
1
2
3
4
8
7
6
5
15
4
3
8-PIN PDIP/SOIC
8-PIN TSSOP
5-PIN SOT-23
NC
NC
NC
Vss
VCC
NC
SCL
SDA
NC
NC
NC
VSS
VCC
NC
SCL
SDA
SCL
VSS
SDA
VCC
NC
1
2
3
4
8
7
6
5
2
HV Generator
EEPROM
Array
YDEC
XDEC
Sense AMP
R/W Control
Memory
Control
Logic
I/O
Control
Logic
SDA
SCL
VCC
VSS
128 Bit I2C™ Bus Serial EEPROM
I2C is a trademark of Philips Corporation.
*24XX00 is used in this document as a generic part number for
the 24AA00/24LC00/24C00 devices.


Similar Part No. - 24AA00

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA00 MICROCHIP-24AA00 Datasheet
378Kb / 24P
128 Bit I2C Bus Serial EEPROM
2007
24AA00 MICROCHIP-24AA00 Datasheet
312Kb / 24P
128-Bit I2C Bus Serial EEPROM
12/08/06
24AA00 MICROCHIP-24AA00 Datasheet
685Kb / 34P
128-Bit I2C Bus Serial EEPROM
Revision J 08/2018
24AA00-/OT MICROCHIP-24AA00-/OT Datasheet
204Kb / 22P
1K/2K Software Addressable I2C??Serial EEPROM
2004
24AA00-/P MICROCHIP-24AA00-/P Datasheet
204Kb / 22P
1K/2K Software Addressable I2C??Serial EEPROM
2004
More results

Similar Description - 24AA00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00 Datasheet
414Kb / 10P
128-bit Serial EEPROM
CAT24C00 CATALYST-CAT24C00_05 Datasheet
624Kb / 10P
128-Bit Serial EEPROM
logo
Microchip Technology
24AA00 MICROCHIP-24AA00_07 Datasheet
378Kb / 24P
128 Bit I2C Bus Serial EEPROM
2007
24LC00-I-SN MICROCHIP-24LC00-I-SN Datasheet
380Kb / 24P
128-Bit I2C??Bus Serial EEPROM
2007
logo
STMicroelectronics
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
logo
Microchip Technology
24LC00T-IOTG MICROCHIP-24LC00T-IOTG Datasheet
788Kb / 34P
128-Bit I2C??Bus Serial EEPROM
08/02/11
24LC00T MICROCHIP-24LC00T Datasheet
312Kb / 24P
128-Bit I2C Bus Serial EEPROM
12/08/06
24AA00 MICROCHIP-24AA00_11 Datasheet
788Kb / 34P
128-Bit I2C??Bus Serial EEPROM
08/02/11
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
logo
Microchip Technology
24AA00 MICROCHIP-24AA00_V01 Datasheet
685Kb / 34P
128-Bit I2C Bus Serial EEPROM
Revision J 08/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com