Electronic Components Datasheet Search
  English  ▼

X  

24AA02 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA02
Description  1K/2K 1.8V I 2 C O Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02 Datasheet(HTML) 1 Page - Microchip Technology

  24AA02 Datasheet HTML 1Page - Microchip Technology 24AA02 Datasheet HTML 2Page - Microchip Technology 24AA02 Datasheet HTML 3Page - Microchip Technology 24AA02 Datasheet HTML 4Page - Microchip Technology 24AA02 Datasheet HTML 5Page - Microchip Technology 24AA02 Datasheet HTML 6Page - Microchip Technology 24AA02 Datasheet HTML 7Page - Microchip Technology 24AA02 Datasheet HTML 8Page - Microchip Technology 24AA02 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21052F-page 1
FEATURES
• Single supply with operation down to 1.8V
• Low power CMOS technology
- 1 mA active current typical
- 10
µA standby current typical at 5.5V
-3
µA standby current typical at 1.8V
• Organized as a single block of 128 bytes (128 x 8)
or 256 bytes (256 x 8)
• 2-wire serial interface bus, I2C
™ compatible
• Schmitt trigger, filtered inputs for noise suppres-
sion
• Output slope control to eliminate ground bounce
• 100 kHz (1.8V) and 400 kHz (5V) compatibility
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 8 bytes
• 2 ms typical write cycle time for page-write
• Hardware write protect for entire memory
• Can be operated as a serial ROM
• ESD protection > 3,000V
• 10,000,000 ERASE/WRITE cycles guaranteed on
24AA01
• 1,000,000 ERASE/WRITE cycles guaranteed on
24AA02
• Data retention > 200 years
• 8-pin DIP or SOIC package
• Available for extended temperature ranges
DESCRIPTION
The Microchip Technology Inc. 24AA01 and 24AA02
are 1K bit and 2K bit Electrically Erasable PROMs. The
devices are organized as a single block of 128 x 8-bit or
256 x 8-bit memory with a two wire serial interface.
Low-voltage design permits operation down to 1.8 volts
with standby and active currents of only 3
µA and 1 mA,
respectively. The 24AA01 and 24AA02 also have page-
write capability for up to 8 bytes of data. The 24AA01
and 24AA02 are available in the standard 8-pin DIP and
8-pin surface mount SOIC packages.
- Commercial (C):
0
°C to +70°C
- Industrial (I)
-40
°C to +85°C
PACKAGE TYPES
BLOCK DIAGRAM
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
PDIP
SOIC
HV GENERATOR
EEPROM
ARRAY
PAGE LATCHES
YDEC
XDEC
SENSE AMP
R/W CONTROL
MEMORY
CONTROL
LOGIC
I/O
CONTROL
LOGIC
WP
SDA
SCL
VCC
VSS
24AA01/02
1K/2K 1.8V I2C™ Serial EEPROMs
I2C is a trademark of Philips Corporation.
This document was created with FrameMaker404


Similar Part No. - 24AA02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA02 MICROCHIP-24AA02 Datasheet
337Kb / 24P
2K I2C Serial EEPROM
2003
24AA02 MICROCHIP-24AA02 Datasheet
401Kb / 26P
2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02 Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02 Datasheet
324Kb / 26P
2K I2C Serial EEPROM
12/08/06
24AA02-E/LT MICROCHIP-24AA02-E/LT Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
More results

Similar Description - 24AA02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA16 MICROCHIP-24AA16 Datasheet
76Kb / 12P
16K 1.8V I 2 C O Serial EEPROM
1996
24AA32A MICROCHIP-24AA32A Datasheet
79Kb / 12P
32K 1.8V I 2 C O Serial EEPROM
2010
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
8K/16K 5.0V I 2 C O Serial EEPROMs
1996
24LC01B MICROCHIP-24LC01B Datasheet
451Kb / 12P
1K/2K I 2 C ??Serial EEPROMs in ISO Micromodules
2009
24LCS61 MICROCHIP-24LCS61 Datasheet
426Kb / 16P
1K/2K Software Addressable I 2 C ??Serial EEPROM
1997
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com