Electronic Components Datasheet Search
  English  ▼

X  

24LC128 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC128
Description  128K I 2 C ??CMOS Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC128 Datasheet(HTML) 1 Page - Microchip Technology

  24LC128 Datasheet HTML 1Page - Microchip Technology 24LC128 Datasheet HTML 2Page - Microchip Technology 24LC128 Datasheet HTML 3Page - Microchip Technology 24LC128 Datasheet HTML 4Page - Microchip Technology 24LC128 Datasheet HTML 5Page - Microchip Technology 24LC128 Datasheet HTML 6Page - Microchip Technology 24LC128 Datasheet HTML 7Page - Microchip Technology 24LC128 Datasheet HTML 8Page - Microchip Technology 24LC128 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1998 Microchip Technology Inc.
DS21191B-page 1
M
DEVICE SELECTION TABLE
FEATURES
• Low power CMOS technology
- Maximum write current 3 mA at 5.5V
- Maximum read current 400
µA at 5.5V
- Standby current 100 nA typical at 5.5V
• 2-wire serial interface bus, I2C compatible
• Cascadable for up to eight devices
• Self-timed ERASE/WRITE cycle
• 64-byte page-write mode available
• 5 ms max write-cycle time
• Hardware write protect for entire array
• Output slope control to eliminate ground bounce
• Schmitt trigger inputs for noise suppression
• 1,000,000 erase/write cycles guaranteed
• Electrostatic discharge protection > 4000V
• Data retention > 200 years
• 8-pin PDIP and SOIC (150 and 208 mil) packages
• 14-pin TSSOP package
• Temperature ranges:
DESCRIPTION
The Microchip Technology Inc. 24AA128/24LC128
(24xx128*) is a 16K x 8 (128K bit) Serial Electrically
Erasable PROM, capable of operation across a broad
voltage range (1.8V to 5.5V). It has been developed for
advanced, low power applications such as personal
communications or data acquisition. This device also
has a page-write capability of up to 64 bytes of data.
This device is capable of both random and sequential
reads up to the 128K boundary. Functional address
lines allow up to eight devices on the same bus, for up
to 1M bit address space. This device is available in the
standard 8-pin plastic DIP, 8-pin SOIC (150 and
208 mil), and 14-pin TSSOP packages.
PACKAGE TYPE
BLOCK DIAGRAM
Part
Number
VCC
Range
Max Clock
Frequency
Temp
Ranges
24AA128
1.8-5.5V
400 kHz†
I
24LC128
2.5-5.5V
400 kHz‡
I, E
†100 kHz for VCC < 2.5V.
‡100 kHz for E temperature range.
- Industrial (I):
-40
°C to +85°C
- Automotive (E):
-40
°C to +125°C
A0
A1
A2
Vss
Vcc
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP
TSSOP
1
2
3
4
14
7
8
5
6
9
11
12
13
10
NC
A0
A1
NC
A2
Vss
NC
NC
Vcc
WP
NC
SCL
SDA
NC
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
SOIC
HV GENERATOR
EEPROM
ARRAY
PAGE LATCHES
YDEC
XDEC
SENSE AMP
R/W CONTROL
MEMORY
CONTROL
LOGIC
I/O
CONTROL
LOGIC
A0…A2
SDA
SCL
VCC
VSS
WP
I/O
I2C is a trademark of Philips Corporation.
*24xx128 is used in this document as a generic part number for the 24AA128/24LC128 devices.
24AA128/24LC128
128K I2C™CMOS Serial EEPROM


Similar Part No. - 24LC128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC128 MICROCHIP-24LC128 Datasheet
450Kb / 26P
128K I2C CMOS Serial EEPROM
2004
24LC128 MICROCHIP-24LC128 Datasheet
618Kb / 32P
128K I2C??CMOS Serial EEPROM
2009
24LC128 MICROCHIP-24LC128 Datasheet
952Kb / 38P
128K I2C??CMOS Serial EEPROM
2010
24LC128 MICROCHIP-24LC128 Datasheet
361Kb / 26P
128K I2C CMOS Serial EEPROM
12/08/06
logo
ARTSCHIP ELECTRONICS CO...
24LC128 ARTSCHIP-24LC128 Datasheet
1Mb / 10P
CMOS Serial EEPROM
More results

Similar Description - 24LC128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA256 MICROCHIP-24AA256 Datasheet
181Kb / 12P
256K I 2 C CMOS Serial EEPROM
1998
24AA64 MICROCHIP-24AA64 Datasheet
215Kb / 12P
64K I 2 C ??CMOS Serial EEPROM
2007
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
128K I2C CMOS Serial EEPROM
2004
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
128K I2C CMOS Serial EEPROM
2007
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Microchip Technology
24LC128 MICROCHIP-24LC128 Datasheet
952Kb / 38P
128K I2C??CMOS Serial EEPROM
2010
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
128K I2C CMOS Serial EEPROM
01/05/10
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
CMOS 128K 2-Wire Serial EEPROM
March 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com