Electronic Components Datasheet Search
  English  ▼

X  

NJU3552M Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU3552M
Description  4-BIT SINGLE CHIP OTP MICRO CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU3552M Datasheet(HTML) 4 Page - New Japan Radio

  NJU3552M Datasheet HTML 1Page - New Japan Radio NJU3552M Datasheet HTML 2Page - New Japan Radio NJU3552M Datasheet HTML 3Page - New Japan Radio NJU3552M Datasheet HTML 4Page - New Japan Radio NJU3552M Datasheet HTML 5Page - New Japan Radio NJU3552M Datasheet HTML 6Page - New Japan Radio NJU3552M Datasheet HTML 7Page - New Japan Radio NJU3552M Datasheet HTML 8Page - New Japan Radio NJU3552M Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NJU3552
- 4 -
s ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ +7.0
V
Input Voltage
VIN
-0.3 ~ VDD + 0.3
V
Output Voltage
VOUT
-0.3 ~ VDD + 0.3
V
Operating Temperature
Topr
-20 ~ +75
°C
Storage Temperature
Tstg
-55 ~ +125
°C
Note)
The difference of electrical characteristics between NJU3552 (OTP version) and NJU3502
(MASK version)
NJU3502
NJU3552
•
Supply Voltage (VDD) MIN.
2.4V
→
2.7V
•
Supply Current
5V
(IDD1) Max.
4.0mA
→
30mA
(IDD2) Max.
4.0mA
→
30mA
(IDD3) Max.
3.8mA
→
30mA
(IDD4) Max.
4.0
µA
20
µA
3V
(IDD1) Max.
2.0mA
→
20mA
(IDD2) Max.
2.0mA
→
20mA
(IDD3) Max.
1.8mA
20mA
(IDD4) Max.
2.0
µA
→
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com