Electronic Components Datasheet Search
  English  ▼

X  

24LC00-IP Datasheet(PDF) 15 Page - Microchip Technology

Part # 24LC00-IP
Description  128 Bit I2C Bus Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC00-IP Datasheet(HTML) 15 Page - Microchip Technology

Back Button 24LC00-IP Datasheet HTML 10Page - Microchip Technology 24LC00-IP Datasheet HTML 11Page - Microchip Technology 24LC00-IP Datasheet HTML 12Page - Microchip Technology 24LC00-IP Datasheet HTML 13Page - Microchip Technology 24LC00-IP Datasheet HTML 14Page - Microchip Technology 24LC00-IP Datasheet HTML 15Page - Microchip Technology 24LC00-IP Datasheet HTML 16Page - Microchip Technology 24LC00-IP Datasheet HTML 17Page - Microchip Technology 24LC00-IP Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
 2003 Microchip Technology Inc.
DS21178D-page 15
24AA00/24LC00/24C00
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA00:
= 1.8V, 128 bit I2C™ Serial EEPROM
24AA00T:
= 1.8V, 128 bit I2C Serial EEPROM
(Tape and Reel)
24LC00:
= 2.5V, 128 bit I2C Serial EEPROM
24LC00T:
= 2.5V, 128 bit I2C Serial EEPROM
(Tape and Reel)
24C00:
= 5V, 128 bit I2C™ Serial EEPROM
24C00T:
= 5V, 128 bit I2C™ Serial EEPROM
(Tape and Reel)
Temperature
Range:
Blank
=
0°C to 70°C
I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
Lead finish
P
= Plastic DIP (300 mil body), 8-lead
SN
= Plastic SOIC (150 mil body), 8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
OT
= SOT-23, 5-lead (Tape and Reel only)
Blank = Standard 63/37 SnPb
G
= Matte Tin (pure Sn)
Examples:
a)
24AA00-I/P: Industrial Temperature,1.8V
PDIP package
b)
24AA00-I/SN: Industrial Temperature,
1.8V, SOIC package
c)
24AA00T-I/OT: Industrial Temperature,
1.8V, SOT-23 package, tape and reel
d)
24LC00-I/P: Industrial Temperature,
2.5V, PDIP package
e)
24C00-E/SN:
Extended
Temperature,
5V, SOIC package
f)
24LC00T-I/OT: Industrial Temperature,
2.5V, SOT-23 package, tape and reel
g)
24LC00-I/PG: Industrial Temperature, 2.5V
PDIP package, Pb-free
h)
24LC00T-I/OTG:
Industrial
Temperature,
2.5V, SOT-23 package, tape and reel,
Pb-free
Lead Finish
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com