Electronic Components Datasheet Search
  English  ▼

X  

24C02A Datasheet(PDF) 10 Page - Microchip Technology

Part # 24C02A
Description  1K/2K/4K 5.0V I 2 C O Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C02A Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24C02A Datasheet HTML 4Page - Microchip Technology 24C02A Datasheet HTML 5Page - Microchip Technology 24C02A Datasheet HTML 6Page - Microchip Technology 24C02A Datasheet HTML 7Page - Microchip Technology 24C02A Datasheet HTML 8Page - Microchip Technology 24C02A Datasheet HTML 9Page - Microchip Technology 24C02A Datasheet HTML 10Page - Microchip Technology 24C02A Datasheet HTML 11Page - Microchip Technology 24C02A Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
24C01A/02A/04A
DS11183D-page 10
© 1996 Microchip Technology Inc.
NOTES:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com