Electronic Components Datasheet Search
  English  ▼

X  

24C04A Datasheet(PDF) 7 Page - Microchip Technology

Part # 24C04A
Description  4K 5.0V I 2 C ??Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C04A Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24C04A Datasheet HTML 3Page - Microchip Technology 24C04A Datasheet HTML 4Page - Microchip Technology 24C04A Datasheet HTML 5Page - Microchip Technology 24C04A Datasheet HTML 6Page - Microchip Technology 24C04A Datasheet HTML 7Page - Microchip Technology 24C04A Datasheet HTML 8Page - Microchip Technology 24C04A Datasheet HTML 9Page - Microchip Technology 24C04A Datasheet HTML 10Page - Microchip Technology 24C04A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 1998 Microchip Technology Inc.
DS11183E-page 7
24C04A
7.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the stop condition for a write com-
mand has been issued from the master, the device ini-
tiates the internally timed write cycle. ACK polling can
be initiated immediately. This involves the master send-
ing a start condition followed by the control byte for a
write command (R/W = 0). If the device is still busy with
the write cycle, then no ACK will be returned. If the
cycle is complete, then the device will return the ACK
and the master can then proceed with the next read or
write command. See Figure 7-1 for flow diagram.
FIGURE 7-1:
ACKNOWLEDGE POLLING
FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
NO
YES
8.0
WRITE PROTECTION
Programming of the upper half of the memory will not
take place if the WP pin is connected to VCC (+5.0V).
The device will accept slave and word addresses but if
the memory accessed is write protected by the WP pin,
the 24C04A will not generate an acknowledge after the
first byte of data has been received, and thus the pro-
gram cycle will not be started when the STOP condition
is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com