Electronic Components Datasheet Search
  English  ▼

X  

NJU3555 Datasheet(PDF) 13 Page - New Japan Radio

Part # NJU3555
Description  4-BIT SINGLE CHIP OTP MICRO CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU3555 Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJU3555 Datasheet HTML 9Page - New Japan Radio NJU3555 Datasheet HTML 10Page - New Japan Radio NJU3555 Datasheet HTML 11Page - New Japan Radio NJU3555 Datasheet HTML 12Page - New Japan Radio NJU3555 Datasheet HTML 13Page - New Japan Radio NJU3555 Datasheet HTML 14Page - New Japan Radio NJU3555 Datasheet HTML 15Page - New Japan Radio NJU3555 Datasheet HTML 16Page - New Japan Radio NJU3555 Datasheet HTML 17Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
NJU3555
- 13 -
s ELECTRICAL CHARACTERISTICS
AC CHARACTERISTICS 2
SERIAL INTERFACE
(VSS=0V, VDD=2.7~5.5V, Ta= -20~75
°C)
PARAMETER
SYM
BOL
C O N D I T I O N S
MIN
TYP
MAX
UNIT
Internal Clock
(1/12)×fOSC*
Serial Operating
Frequency
fSC
External Clock
500k
Hz
VDD=2.7~3.6V
fOSC=2MHz
3.0
Internal Clock
VDD=3.6~5.5V
fOSC=4MHz
1.5
Clock Pulse Width
Low-Level
tSCL
External Clock
1.0
µs
VDD=2.7~3.6V
fOSC=2MHz
3.0
Internal Clock
VDD=3.6~5.5V
fOSC=4MHz
1.5
Clock Pulse Width
High-Level
tSCH
External Clock
1.0
µs
SDI setup Time
To SCK
tDS
0.5
µs
SDI Hold time
To SCK
tDH
0.5
µs
SDO Data
Fix Time To SCK
tDCD
0.5
µs
* The dividing ratio of the internal clock is 1/2.
s AC CHARACTERISTICS 2
SERIAL INTERFACE TIMING CHART
1/fSC
tSCH
tSCL
tDS
tDH
INPUT DATA
OUTPUT DATA
SDO/SDI(O)
tDCD
SDI(O)
SCK
VIH1
VIL1
VIH1
VIL1
VOH
VOL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com