Electronic Components Datasheet Search
  English  ▼

X  

11EFS2 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 11EFS2
Description  FRED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

11EFS2 Datasheet(HTML) 1 Page - National Instruments Corporation

  11EFS2_15 Datasheet HTML 1Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Item
Symbol
Conditions
平均整流電流
Average Rectified Forward Current
I O
Ta=40℃*1
0.8
実効順電流
R.M.S. Forward Current
I F(RMS)
1.57
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
サージ順電流
Surge Forward Current
I FSM
30
50Hz正弦半波,1サイクル,非くり返し 
50Hz Half Sine Wave,1cycle, Non-repetitive
Unit
50Hz、正弦半波通電抵抗負荷
50Hz Half Sine Wave Resistive Load
A
A
A
℃
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150
℃
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
200
V
Ta=32℃*2
1A
非くり返しピーク逆電圧
Non-repetitive Peak Reverse Voltage
V RSM
220
V
Item
Conditions
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM
熱抵抗
Thermal Resistance
接合部・周囲間
Junction to Ambient
単体フイン無し*1
Min.
Typ.
Max.
−
−
10
−
−
140
Symbol
I RM
R th(j-a)
ピーク順電圧
Peak Forward Voltage
V FM
Tj=25℃, IFM=1A
−
−
0.98
Unit
μA
V
℃/W
プリント基板実装*2
−
−
110
℃/W
*1:単体フイン無し/ Without Fin or P.C. Board
*2:プリント基板実装 / P.C. Board mounted (L = 3mm, Print Lands = 5×5 mm, Both Sides)
逆回復時間
Reverse Recovery Time
trr
IFM=1A, −di/dt=50 A/μs, Tj=25℃
−
−
30
ns
■定格・特性曲線
FORWARD CURRENT VS. VOLTAGE
順 電 圧 特 性
11EFS2
0
0.4
0.8
1.2
1.6
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
瞬 時 順 電 圧 (V)
0.1
0.2
0.5
1
2
5
10
瞬
時
順
電
流
(A)
Tj=25
°C
Tj=150
°C
FIG.1
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
平 均 順 電 流 − 周 囲 温 度 定 格
11EFS2
P.C. Board mounted (L=3mm,Print Land=5
×5mm,Both Sides)
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (
°C)
周 囲 温 度 (℃)
0
0.4
0.8
1.2
1.6
平
均
順
電
流
(A)
HALF SINE WAVE
D.C.
RECT 180
°
RECT 120
°
RECT 60
°
0
°
180
°
通流角
CONDUCTION ANGLE
θ
FIG.4
SURGE CURRENT RATINGS
サ ー ジ 順 電 流 定 格
11EFS2
f=50Hz,Half Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
時 間 (s)
0
5
10
15
20
25
30
35
サ
|
ジ
順
電
流
(A)
0.02s
I FSM
FIG.5
AVERAGE FORWARD POWER DISSIPATION
平 均 順 電 力 損 失 特 性
0
0.4
0.8
1.2
1.6
AVERAGE FORWARD CURRENT (A)
平 均 順 電 流 (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
平
均
順
電
力
損
失
(W)
11EFS2
HALF SINE WAVE
D.C.
RECT 180
°
RECT 120
°
RECT 60
°
0
°
180
°
通流角
CONDUCTION ANGLE
θ
FIG.2
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
平 均 順 電 流 − 周 囲 温 度 定 格
11EFS2
Without Fin or P.C. Board
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (
°C)
周 囲 温 度 (℃)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
平
均
順
電
流
(A)
HALF SINE WAVE
D.C.
RECT 180
°
RECT 120
°
RECT 60
°
0
°
180
°
通流角
CONDUCTION ANGLE
θ
FIG.3
■OUTLINE DRAWING(mm)
■APPROX. NET WEIGHT:0.17g
■最大定格 Maximum Ratings
■電気的・熱的特性 Electrical/ Thermal Characteristics
1A Avg.
Volts
FRED
27
200
11EFS2


Similar Part No. - 11EFS2_15

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
11EFS2_2015 NI-11EFS2_2015 Datasheet
89Kb / 1P
FRED
More results

Similar Description - 11EFS2_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
20NFB60 NIEC-20NFB60 Datasheet
328Kb / 1P
FRED
30PFB60 NIEC-30PFB60 Datasheet
250Kb / 1P
FRED
EC10UA40 NIEC-EC10UA40 Datasheet
187Kb / 1P
FRED
ECF06B60 NIEC-ECF06B60 Datasheet
207Kb / 1P
FRED
ECF06B60-F NIEC-ECF06B60-F Datasheet
213Kb / 1P
FRED
ECU06A20 NIEC-ECU06A20 Datasheet
205Kb / 1P
FRED
ECU06A40 NIEC-ECU06A40 Datasheet
206Kb / 1P
FRED
FCU20B60 NIEC-FCU20B60 Datasheet
113Kb / 1P
FRED
FCU20UC30 NIEC-FCU20UC30 Datasheet
225Kb / 1P
FRED
FRU20UC30 NIEC-FRU20UC30 Datasheet
270Kb / 1P
FRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com