Electronic Components Datasheet Search
  English  ▼

X  

BD435 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BD435
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BD435 Datasheet(HTML) 2 Page - Unisonic Technologies

  BD435 Datasheet HTML 1Page - Unisonic Technologies BD435 Datasheet HTML 2Page - Unisonic Technologies BD435 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD435
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R221-026.A
ABSOLUTE MAXIMUM RATINGS (TC =25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
32
V
Collector-Emitter Voltage
VCEO
32
V
Collector-Emitter Voltage
VCES
32
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (DC)
IC
4
A
Collector Current (Pulse) (Note 1)
ICP
7
A
Base Current
IB
1
A
Collector Dissipation (TC=25°C)
Pc
36
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 ~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Sustaining Voltage
VCEO(SUS)
IC=100mA, IB=0A
32
V
Collector Cut-Off Current
ICBO
VCB=32V, IE=0
100
µA
Collector Cut-Off Current
ICEO
VCE=32V, VBE=0
100
µA
Emitter Cut-Off Current
IEBO
VEB=5V, IC=0
1
mA
DC Current Gain (Note 1)
hFE
VCE=5V, IC=10mA
40
130
VCE=1V, IC=500mA
85
140
VCE=1V, IC=2A
50
Collector-Emitter Saturation Voltage (Note 1)
VCE(SAT)
IC=2A, IB=0.2A
0.2
0.5
V
Base-Emitter ON Voltage (Note 1)
VBE(ON)
VCE=1V, IC=2A
1.1
V
Current Gain Bandwidth Product
fT
VCE=1V, IC=250mA
3
MHz
Note: Pulse Test: PW=300μs, duty Cycle=1.5% Pulsed



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com