Electronic Components Datasheet Search
  English  ▼

X  

24LCS61 Datasheet(PDF) 12 Page - Microchip Technology

Part # 24LCS61
Description  1K/2K Software Addressable I 2 C ??Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS61 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 24LCS61 Datasheet HTML 8Page - Microchip Technology 24LCS61 Datasheet HTML 9Page - Microchip Technology 24LCS61 Datasheet HTML 10Page - Microchip Technology 24LCS61 Datasheet HTML 11Page - Microchip Technology 24LCS61 Datasheet HTML 12Page - Microchip Technology 24LCS61 Datasheet HTML 13Page - Microchip Technology 24LCS61 Datasheet HTML 14Page - Microchip Technology 24LCS61 Datasheet HTML 15Page - Microchip Technology 24LCS61 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
24LCS61/62
DS21226A-page 12
Preliminary
© 1997 Microchip Technology Inc.
8.0
READ OPERATIONS
Read operations are initiated in a similar way as the
write operations. There are three basic types of read
operations: current address read, random read, and
sequential read.
8.1
Current Address Read
The 24LCS61/62 contains an address counter that
maintains the address of the last word accessed, inter-
nally incremented by one. Therefore, if the previous
read access was to address n, the next current address
read operation would access data from address n + 1.
Upon receipt of the correct control byte and ID byte, the
24LCS61/62 issues an acknowledge and transmits the
eight bit data word. The master will not acknowledge
the transfer but does generate a stop condition and the
24LCS61/62 discontinues transmission (Figure 8-1).
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the word address must
be set. This is done by sending the word address to the
24LCS61/62 as part of a write operation. After the ID
byte and word address are sent, the master generates
a start condition following the acknowledge. This termi-
nates the write operation, but not before the internal
address pointer is set. Then the master sends the con-
trol byte and ID byte for a read command. The
24LCS61/62 will then issue an acknowledge and trans-
mits the eight bit data word. The master will not
acknowledge the transfer but does generate a stop
condition and the 24LCS61/62 discontinues transmis-
sion (Figure 8-2).
8.3
Sequential Read
Sequential reads are initiated in the same way as a ran-
dom read except that after the 24LCS61/62 transmits
the first data byte, the master issues an acknowledge
as opposed to a stop condition in a random read. This
directs the 24LCS61/62 to transmit the next sequen-
tially addressed 8-bit word (Figure 8-3).
To provide sequential reads the 24LCS61/62 contains
an internal address pointer which is incremented by
one at the completion of each operation. This address
pointer allows the entire memory contents to be serially
read during one operation. The internal address pointer
will
automatically
roll
over
from
address
7Fh
(24LCS61) or FFh (24LCS62) to address 00h.
FIGURE 8-1:
CURRENT ADDRESS READ
FIGURE 8-2:
RANDOM READ
FIGURE 8-3:
SEQUENTIAL READ
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
P
S
S
T
O
P
CONTROL
BYTE
S
T
A
R
T
DATA
A
C
K
A
C
K
DEVICE
ID BYTE
N
O
A
C
K
1
0
10 O 00 1
E
OE Bit = EDS Pin Output Enable; see Section 9.0
CONTROL
BYTE
A
C
K
A
C
K
A
C
K
ADDRESS
BYTE
CONTROL
BYTE
A
C
K
DATA
BYTE
DEVICE
ID BYTE
A
C
K
DEVICE
ID BYTE
S
T
A
R
T
S
T
A
R
T
S
T
O
P
N
O
A
C
K
1
0
10 O 010
S
S
1
01 0 O 00 1
E
E
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
ID
BYTE
DATA n
DATA n + 1
DATA n + 2
DATA n + X
A
C
K
A
C
K
A
C
K
A
C
K
P
N
O
A
C
K
S
T
O
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com