Electronic Components Datasheet Search
  English  ▼

X  

27C256 Datasheet(PDF) 11 Page - Microchip Technology

Part # 27C256
Description  256K (32K x 8) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C256 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 27C256 Datasheet HTML 4Page - Microchip Technology 27C256 Datasheet HTML 5Page - Microchip Technology 27C256 Datasheet HTML 6Page - Microchip Technology 27C256 Datasheet HTML 7Page - Microchip Technology 27C256 Datasheet HTML 8Page - Microchip Technology 27C256 Datasheet HTML 9Page - Microchip Technology 27C256 Datasheet HTML 10Page - Microchip Technology 27C256 Datasheet HTML 11Page - Microchip Technology 27C256 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
27C256
© 1996 Microchip Technology Inc.
DS11001L-page 11
27C256 Product Identification System
To order or to obtain information (e.g., on pricing or delivery), please use listed part numbers, and refer to factory or listed sales offices.
Package:
L = Plastic Leaded Chip Carrier
P = Plastic DIP (Mil 600)
SO = Plastic SOIC (Mil 300)
TS = Thin Small Outline Package (TSOP) 8x20mm
VS = Very Small Outline Package (VSOP) 8x13.4mm
Temperature
Blank = 0˚C to +70˚C
Range:
I
= -40˚C to +85˚C
E = -40˚C to +125˚C
Access
90 = 90 ns
Time:
10 = 100 ns
12 = 120 ns
15 = 150 ns
20 = 200 ns
Device
27C256
256K (32K x 8) CMOS EPROM
27C256 –
90
I
/TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com