Electronic Components Datasheet Search
  English  ▼

X  

MAX16992ATCD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16992ATCD
Description  36V, 2.5MHz Automotive Boost SEPIC Controllers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16992ATCD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16992ATCD Datasheet HTML 2Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 3Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 4Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 5Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 6Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 7Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 8Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 9Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Typical Operating Characteristics (continued)
(VSUP = 14V, TA = +25NC, unless otherwise noted.)
Maxim Integrated │ 6
www.maximintegrated.com
MAX16990/MAX16992
36V, 2.5MHz Automotive Boost/
SEPIC Controllers
STARTUP RESPONSE
MAX16990 toc12
5V/div
5V/div
0V
0V
5V/div
0V
5V/div
0V
VEN
VPVL
VOUT
VSUP
2ms/div
STARTUP RESPONSE
(WITH SWITCHED OUTPUT)
MAX16990 toc14
5V/div
5V/div
0V
0V
5V/div
0V
5V/div
0V
VEN
VSW_OUT
VOUT
VPGOOD
2ms/div
STARTUP RESPONSE
MAX16990 toc13
5V/div
5V/div
0V
0V
5V/div
0V
5V/div
0V
VEN
VDRV
VOUT
VPGOOD
2ms/div
OUTPUT LOAD TRANSIENT
MAX16990 toc15
5V/div
5V/div
0V
0V
500mV/div
(AC-COUPLED)
1A/div
0A
ILOAD
VOUT
VOUT
VSUP
50ms/div
POWER-UP RESPONSE
MAX16990 toc10
5V/div
5V/div
0V
0V
5V/div
0V
5V/div
0V
VPGOOD
VPVL
VOUT
VSUP
2ms/div
POWER-UP RESPONSE
MAX16990 toc11
5V/div
5V/div
0V
0V
5V/div
0V
5V/div
0V
VPGOOD
VDRV
VOUT
VSUP
2ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com