Electronic Components Datasheet Search
  English  ▼

X  

MAX16992ATCF Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16992ATCF
Description  36V, 2.5MHz Automotive Boost SEPIC Controllers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16992ATCF Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16992ATCF Datasheet HTML 1Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 2Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 3Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 4Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 5Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 6Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 7Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 8Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Electrical Characteristics (continued)
(VSUP = 14V, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical values are at TA =+25NC.) (Note 2)
www.maximintegrated.com
Maxim Integrated │ 3
MAX16990/MAX16992
36V, 2.5MHz Automotive Boost/
SEPIC Controllers
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OSCILLATOR
Switching Frequency
fSW
RFSET = 69kI
360
400
440
kHz
RFSET = 12kI
2000
2200
2400
Spread-Spectrum Spreading
Factor
SS
B, D, and F versions
Q
6
% of
fSW
Switching Frequency Range
fSWR
When set with
resistor on pin
MAX16990
100
1000
kHz
MAX16992
1000
2500
FSET/SYNC Frequency Range
fSYNC
Using external
SYNC signal
MAX16990
220
1000
kHz
MAX16992
1000
2500
FSET Regulation Voltage
VFSET
12kI < RFSET < 69kI
0.9
V
Soft-Start Time
tSS
Internally set
6
9
12
ms
Hiccup Period
tHICCUP
55
ms
Maximum Duty Cycle
DCMAX
MAX16990, RFSET = 69kI
93
%
MAX16992, RFSET = 12kI
85
Minimum On-Time
tON
50
80
110
ns
THERMAL SHUTDOWN
Thermal-Shutdown Temperature
TS
Temperature rising
165
N
C
Thermal-Shutdown Hysteresis
TH
10
N
C
GATE DRIVERS
DRV Pullup Resistance
RDRVH
IDRV = 100mA
3
5.5
I
DRV Pulldown Resistance
RDRVL
IDRV = -100mA
1.4
2.5
I
DRV Output Peak Current
IDRV
Sourcing, CDRV = 10nF
0.75
A
Sinking, CDRV = 10nF
1
REGULATION/CURRENT SENSE
FB Regulation Voltage
VFB
VREFIN = VPVL
Across full line, load,
and temperature
range
0.99
1
1.01
V
VREFIN = 2V
1.98
2
2.02
VREFIN = 0.5V
0.495
0.5
0.505
FB Input Current
IFB
-0.5
+0.5
F
A
ISNS Threshold
212
250
288
mV
ISNS Leading-Edge Blanking
Time
tBLANK
MAX16990
60
ns
MAX16992
40
Current-Sense Gain
AVI
8
V/V
Peak Slope Compensation
Current-Ramp Magnitude
Added to ISNS input
40
50
60
F
A
PGOOD Threshold
VPG
Percentage of final
value
Rising
85
90
95
%
Falling
80
85
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com