Electronic Components Datasheet Search
  English  ▼

X  

M35500AFP Datasheet(PDF) 12 Page - Mitsubishi Electric Semiconductor

Part # M35500AFP
Description  FLD(VFD) CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35500AFP Datasheet(HTML) 12 Page - Mitsubishi Electric Semiconductor

Back Button M35500AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
MITSUBISHI <DIGITAL ASSP>
M35500AFP/BGP
FLD(VFD) CONTROLLER
tw(RESET)
tc(XIN)
twH(XIN)
twL(XIN)
tc(SCLK)
twH(SCLK)
twL(SCLK)
tsu(SIN-SCLK)
th(SCLK-SIN)
tsu(CS)
th(CS)
tre(SCLK)
td(SCLK-SOUT)
tv(SCLK-SOUT)
tr(Pch)
COSC
Fig. 13. Standard characteristic example of f(XIN)–COSC
Reset input “L” pulse width
Main clock input cycle time (XIN input)
Main clock input “H” pulse width
Main clock input “L” pulse width
Serial clock input cycle time (Note)
Serial clock input “H” pulse width (Note)
Serial clock input “L” pulse width (Note)
Serial input setup time (Note)
Serial input hold time (Note)
Serial input setup time
Serial input hold time
Serial clock interval time
Limits
Min.
2
238
60
60
5
2
3
2
3
50 tc(XIN)
50 tc(XIN)
50 tc(XIN)
Typ.
Max.
µs
ns
ns
ns
CLKs
CLKs
CLKs
CLKs
CLKs
ns
ns
ns
TIMING REQUIREMENTS (VCC = 4.0 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
Parameter
Symbol
Unit
Note: The unit means a number of noise filter sampling clock (2 ! tc(XIN)).
Serial I/O output delay time (Note 1)
Serial I/O output valid time
High-breakdown-voltage P-channel
open-drain output rising time
External capacitor size (Note 2)
Limits
Min.
2
Typ.
1.8
22
Max.
3
3
CLKs
CLKs
µs
pF
SWITCHING CHARACTERISTICS (VCC = 4.0 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
Parameter
Symbol
Unit
CL = 100pF
VEE = VCC–36 V
Test conditions
Measuring condition: Ta = 25
°C, VCC = 5.0 V
2.0
3.0
4.0
5.0
6.0
7.0
8.0
10
2030
40
5060
70
8090100
External capacitor size COSC [pF]
Note 1: The unit means a number of noise filter sampling clock (2 ! tc(XIN)).
2: An external capacitor size varies with a mounted condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com