Electronic Components Datasheet Search
  English  ▼

X  

24AA640-SN Datasheet(PDF) 9 Page - Microchip Technology

Part # 24AA640-SN
Description  64K SPI Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA640-SN Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24AA640-SN Datasheet HTML 4Page - Microchip Technology 24AA640-SN Datasheet HTML 5Page - Microchip Technology 24AA640-SN Datasheet HTML 6Page - Microchip Technology 24AA640-SN Datasheet HTML 7Page - Microchip Technology 24AA640-SN Datasheet HTML 8Page - Microchip Technology 24AA640-SN Datasheet HTML 9Page - Microchip Technology 24AA640-SN Datasheet HTML 10Page - Microchip Technology 24AA640-SN Datasheet HTML 11Page - Microchip Technology 24AA640-SN Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
25AA640/25LC640/25C640
© 1997 Microchip Technology Inc.
Preliminary
DS21223A-page 9
3.5
Read Status Register (RDSR)
The RDSR instruction provides access to the status
register. The status register may be read at any time,
even during a write cycle. The status register is format-
ted as follows:
The Write-In-Process (WIP) bit indicates whether the
25xx640 is busy with a write operation. When set to a
‘1’ a write is in progress, when set to a ‘0’ no write is in
progress. This bit is read only.
The Write Enable Latch (WEL) bit indicates the status
of the write enable latch. When set to a ‘1’ the latch
allows writes to the array and status register, when set
to a ‘0’ the latch prohibits writes to the array and status
register. The state of this bit can always be updated via
the WREN or WRDI commands regardless of the state
of write protection on the status register. This bit is
read only.
The Block Protection (BP0 and BP1) bits indicate
which blocks are currently write protected. These bits
are set by the user issuing the WRSR instruction.
These bits are non-volatile.
See Figure 3-6 for RDSR timing sequence
3.6
Write Status Register(WRSR)
The WRSR instruction allows the user to select one of
four levels of protection for the array by writing to the
appropriate bits in the status register. The array is
divided up into four segments. The user has the ability
to write protect none, one, two, or all four of the seg-
ments of the array. The partitioning is controlled as
illustrated in Table 3-2.
The Write Protect Enable (WPEN) bit is a non-volatile
bit that is available as an enable bit for the WP pin.
The Write Protect (WP) pin and the Write Protect
Enable (WPEN) bit in the status register control the
programmable hardware write protect feature. Hard-
ware write protection is enabled when WP pin is low
and the WPEN bit is high. Hardware write protection is
disabled when either the WP pin is high or the WPEN
bit is low. When the chip is hardware write protected,
only writes to non-volatile bits in the status register are
disabled. See Table 3-3 for a matrix of functionality on
the WPEN bit.
See Figure 3-7 for WRSR timing sequence
TABLE 3-2:
ARRAY PROTECTION
FIGURE 3-6:
READ STATUS REGISTER SEQUENCE
FIGURE 3-7:
WRITE STATUS REGISTER SEQUENCE
7
6
5
4
3
2
1
0
WPEN
X
X
X
BP1
BP0
WEL
WIP
BP1
BP0
Array Addresses
Write Protected
0
0
none
0
1
upper 1/4
(1800h - 1FFFh)
1
0
upper 1/2
(1000h - 1FFFh)
1
1
all
(0000h - 1FFFh)
SO
SI
CS
9
10 11
12 13 14 15
1
1
0
0
0
0
0
0
7
6
5
4
2
1
0
instruction
data from status register
high impedance
SCK
0
2
3
4
5
6
7
1
8
3
SO
SI
CS
9
10 11
12 13 14 15
0
1
0
0
0
0
0
0
7
6
5
4
2
1
0
instruction
data to status register
high impedance
SCK
0
2
3
4
5
6
7
1
8
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com