Electronic Components Datasheet Search
  English  ▼

X  

28C16A Datasheet(PDF) 3 Page - Microchip Technology

Part # 28C16A
Description  16K (2K x 8) CMOS EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

28C16A Datasheet(HTML) 3 Page - Microchip Technology

  28C16A Datasheet HTML 1Page - Microchip Technology 28C16A Datasheet HTML 2Page - Microchip Technology 28C16A Datasheet HTML 3Page - Microchip Technology 28C16A Datasheet HTML 4Page - Microchip Technology 28C16A Datasheet HTML 5Page - Microchip Technology 28C16A Datasheet HTML 6Page - Microchip Technology 28C16A Datasheet HTML 7Page - Microchip Technology 28C16A Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 1996 Microchip Technology Inc.
DS11125G-page 3
28C16A
TABLE 1-3:
READ OPERATION AC CHARACTERISTICS
FIGURE 1-1:
READ WAVEFORMS
AC Testing Waveform:
VIH = 2.4V; VIL = 0.45V; VOH = 2.0V; Vol = 0.8V
Output Load:
1 TTL Load + 100pF
Input Rise and Fall Times: 20 ns
Ambient Temperature:
Commercial (C): Tamb =
0˚C to +70˚0˚C
Industrial (I):
Tamb =
-40˚C to +85˚C
Parameter
Sym
28C16A-15
28C16A-20
28C16A-25
Units
Conditions
Min
Max
Min
Max
Min
Max
Address to Output Delay
tACC
—
150
—
200
—
250
ns
OE = CE = VIL
CE to Output Delay
tCE
—
150
—
200
—
250
ns
OE = VIL
OE to Output Delay
tOE
—70—80—
100
ns
CE = VIL
CE or OE High to Output Float
tOFF
050055070
ns
Output Hold from CE or OE,
whichever occurs first
tOH
0—0—0—
ns
Endurance
—
1M
—
1M
—
1M
—
cycles 25
°C, Vcc =
5.0V, Block
Mode (Note)
Note: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.
Address
CE
VIH
VIL
VIH
VIL
VIH
VIL
OE
Data
WE
VOH
VOL
VIH
VIL
Address Valid
High Z
Valid Output
tACC
(1) tOFF is specified for OE or CE, whichever occurs first
(2) OE may be delayed up to t CE - t OE after the falling edge of CE without impact on tCE
(3) This parameter is sampled and is not 100% tested
High Z
tOH
tOFF(1,3)
Notes:
tOE(2)
tCE(2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com