Electronic Components Datasheet Search
  English  ▼

X  

BFP640F Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BFP640F
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP640F Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BFP640F Datasheet HTML 4Page - Infineon Technologies AG BFP640F Datasheet HTML 5Page - Infineon Technologies AG BFP640F Datasheet HTML 6Page - Infineon Technologies AG BFP640F Datasheet HTML 7Page - Infineon Technologies AG BFP640F Datasheet HTML 8Page - Infineon Technologies AG BFP640F Datasheet HTML 9Page - Infineon Technologies AG BFP640F Datasheet HTML 10Page - Infineon Technologies AG BFP640F Datasheet HTML 11Page - Infineon Technologies AG BFP640F Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
BFP640F
Features
Data Sheet
8
Revision 2.0, 2015-03-13
2
Features
Applications
As Low Noise Amplifier (LNA) in
•
Satellite communication systems: Navigation systems (GPS, Glonass), satellite radio (SDARs, DAB) and
C-band LNB
•
Mobile, portable and fixed connectivity applications: WLAN 802.11a/b/g/n/ac, WiMAX 2.5/3.5/5.5 GHz, UWB,
Bluetooth
•
Multimedia applications such as mobile/portable TV, CATV, FM Radio
•
3G/4G UMTS/LTE mobile phone applications
•
ISM applications like RKE, AMR and Zigbee, as well as for emerging wireless applications
As discrete active mixer, amplifier in VCOs and buffer amplifier
Attention: ESD (Electrostatic discharge) sensitive device, observe handling precautions
•
Linear low noise amplifier based on Infineon´s reliable,
high volume SiGe:C technology
•
High linearity OIP3 = 27.5 dBm @ 5.5 GHz, 3 V, 25 mA
•
High transition frequency fT = 42 GHz @ 3 V, 30 mA
•
NFmin = 0.75 dB @ 3.5 GHz, 3 V, 6 mA
•
Maximum power gain Gma = 16.5 dB @ 3.5 GHz, 3 V, 25 mA
•
Low power consumption, ideal for mobile applications
•
Very common as GPS low noise amplifier, see respective
application notes on Infineon internet page
•
Easy to use Pb-free (RoHS compliant) and halogen-free
standard package with visible leads
•
Qualification report according to AEC-Q101 available
Product Name
Package
Pin Configuration
Marking
BFP640F
TSFP-4-1
1 = B
2 = E
3 = C
4 = E
R4s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com