Electronic Components Datasheet Search
  English  ▼

X  

24AA00T-EST Datasheet(PDF) 8 Page - Microchip Technology

Part # 24AA00T-EST
Description  128 Bit I2C Bus Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA00T-EST Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24AA00T-EST Datasheet HTML 4Page - Microchip Technology 24AA00T-EST Datasheet HTML 5Page - Microchip Technology 24AA00T-EST Datasheet HTML 6Page - Microchip Technology 24AA00T-EST Datasheet HTML 7Page - Microchip Technology 24AA00T-EST Datasheet HTML 8Page - Microchip Technology 24AA00T-EST Datasheet HTML 9Page - Microchip Technology 24AA00T-EST Datasheet HTML 10Page - Microchip Technology 24AA00T-EST Datasheet HTML 11Page - Microchip Technology 24AA00T-EST Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
24AA00/24LC00/24C00
DS21178D-page 8
 2003 Microchip Technology Inc.
8.0
READ OPERATIONS
Read operations are initiated in the same way as write
operations with the exception that the R/W bit of the
slave address is set to one. There are three basic types
of read operations: current address read, random read,
and sequential read.
8.1
Current Address Read
The 24XX00 contains an address counter that main-
tains the address of the last word accessed, internally
incremented by one. Therefore, if the previous read
access was to address n, the next current address read
operation would access data from address n + 1. Upon
receipt of the slave address with the R/W bit set to one,
the device issues an acknowledge and transmits the
eight-bit data word. The master will not acknowledge
the transfer but does generate a Stop condition and the
device discontinues transmission (Figure 8-1).
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the word address must
be set. This is done by sending the word address to the
device as part of a write operation.
After the word address is sent, the master generates a
Start condition following the acknowledge. This termi-
nates the write operation, but not before the internal
address pointer is set. Then the master issues the
control byte again but with the R/W bit set to a one. The
24XX00 will then issue an acknowledge and transmits
the eight bit data word. The master will not acknowl-
edge the transfer but does generate a Stop condition
and the device discontinues transmission (Figure 8-2).
After this command, the internal address counter will
point to the address location following the one that was
just read.
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the device transmits the
first data byte, the master issues an acknowledge as
opposed to a Stop condition in a random read. This
directs the device to transmit the next sequentially
addressed 8-bit word (Figure 8-3).
To provide sequential reads the 24XX00 contains an
internal address pointer which is incremented by one at
the completion of each read operation. This address
pointer allows the entire memory contents to be serially
read during one operation.
FIGURE 8-1:
CURRENT ADDRESS READ
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
P
S
S
T
O
P
CONTROL
BYTE
S
T
A
R
T
DATA
A
C
K
N
O
A
C
K
11
00 X X X 1
X = Don’t Care Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com