Electronic Components Datasheet Search
  English  ▼

X  

93AA76 Datasheet(PDF) 3 Page - Microchip Technology

Part # 93AA76
Description  8K/16K 1.8V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA76 Datasheet(HTML) 3 Page - Microchip Technology

  93AA76 Datasheet HTML 1Page - Microchip Technology 93AA76 Datasheet HTML 2Page - Microchip Technology 93AA76 Datasheet HTML 3Page - Microchip Technology 93AA76 Datasheet HTML 4Page - Microchip Technology 93AA76 Datasheet HTML 5Page - Microchip Technology 93AA76 Datasheet HTML 6Page - Microchip Technology 93AA76 Datasheet HTML 7Page - Microchip Technology 93AA76 Datasheet HTML 8Page - Microchip Technology 93AA76 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS21130C-page 3
93AA76/86
TABLE 1-3:
AC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted:
VCC = +1.8V to +6.0V
Commercial (C): Tamb = 0˚C to +70˚C
Parameter
Symbol
Min.
Max.
Units
Conditions
Clock frequency
FCLK
—3
2
1
MHz
MHz
Mhz
4.5V
≤ VCC ≤ 6.0V
2.5V
≤ VCC ≤ 4.5V
1.8V
≤ VCC < 2.5V
Clock high time
TCKH
200
300
500
—ns
ns
ns
4.5V
≥ VCC ≤ 6.0V
2.5V
≤ VCC < 4.5V
1.8V
≤ VCC < 2.5V
Clock low time
TCKL
100
200
500
—ns
ns
ns
4.5V
≤ VCC ≤ 6.0V
2.5V
≤ VCC < 4.5V
1.8V
≤ VCC < 2.5V
Chip select setup time
TCSS
50
100
250
—ns
ns
ns
4.5V
≤ VCC ≤ 6.0V, Relative to CLK
2.5V
≤ VCC < 4.5V, Relative to CLK
1.8V
≤ VCC < 2.5V, Relative to CLK
Chip select hold time
TCSH
0
—
ns
1.8V
≤ VCC ≤ 6.0V
Chip select low time
TCSL
250
—
ns
1.8V
≤ VCC ≤ 6.0V, Relative to CLK
Data input setup time
TDIS
50
100
250
—ns
ns
ns
4.5V
≤ VCC ≤ 6.0V, Relative to CLK
2.5V
≤ VCC <4.5V, Relative to CLK
1.8V
≤ VCC < 2.5V, Relative to CLK
Data input hold time
TDIH
50
100
250
—ns
ns
ns
4.5V
≤ VCC ≤ 6.0V, Relative to CLK
2.5V
≤ VCC < 4.5V, Relative to CLK
1.8V
≤ VCC < 2.5V, Relative to CLK
Data output delay time
TPD
—
100
250
500
ns
ns
ns
4.5V
≤ VCC ≤ 6.0V, CL = 100 pF
2.5V
≤ VCC < 4.5V, CL = 100 pF
1.8V
≤ VCC < 2.5V, CL = 100 pF
Data output disable time
TCZ
—
100
500
ns
ns
4.5V
≤ VCC ≤ 5.5V (Note 1)
1.8V
≤ VCC < 4.5V (Note 1)
Status valid time
TSV
—
200
300
500
ns
ns
ns
4.5V
≥ VCC ≤ 6.0V, CL = 100 pF
2.5V
≤ VCC < 4.5V, CL = 100 pF
1.8V
≤ VCC < 2.5V, CL = 100 pF
Program cycle time
TWC
—
5
ms
ERASE/WRITE mode
TEC
—
15
ms
ERAL mode
TWL
—
30
ms
WRAL mode
Endurance
—
10M
—
cycles
25
°C, VCC = 5.0V, Block Mode
(Note 2)
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific
application, please consult the Total Endurance Model which can be obtained on our BBS or website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com