Electronic Components Datasheet Search
  English  ▼

X  

PZE Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # PZE
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

PZE Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  PZE_15 Datasheet HTML 1Page - RUBYCON CORPORATION PZE_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PZE
SERIES
PZE
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Biased Humidity
Items
Characteristics
−55∼+105℃
25∼63Vdc
±20%
(20℃,
120Hz)
E.S.R.
Dissipation Factor
Capacitance Change
Within ±30% of the initial value.
Not more than 200% of the initial specified value.
Not more than 200% of the initial specified value.
Leakage Current
Not more than the initial specified value.
E.S.R.
Dissipation Factor
Capacitance Change
Within ±30% of the initial value.
Not more than 200% of the initial specified value.
Not more than 200% of the initial specified value.
Leakage Current
Not more than the initial specified value.
The value is shown in "STANDARD SIZE" table (20℃, 120Hz)
Load Life : 105℃ 10000 hours (Hybrid Type), Lead Wire Type
◆FEATURES
・High Voltage(∼63Vdc), Ultra Low ESR, High Ripple Current, Miniaturized.
・RoHS compliance.
◆PART NUMBER
□□□
Rated Voltage
PZE
Series
□□□
Option
□□□□□
Capacitance
M
Capacitance Tolerance
The value is shown in“STANDARD SIZE”table (After 2 minutes)
Low Temperature Characteristics
Impedance Ratio
(MAX)
Z
(−55℃)
/Z
(+20℃)
≦2.0
Z
(−25℃)
/Z
(+20℃)
≦1.5
(100kHz)
Rated Voltage
(Vdc)
Voltage code
35
50
63
V
25
EH
J
◆MARKING
Lot No.
Capacitance
Series
※
Rated voltage code
Negative
※Voltage code
NEW
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
120
1k
10k
100k≦
0.05
0.30
0.70
1.00
After applying rated voltage with rated ripple current for 10000 hours at 105℃,
the capacitors shall meet the following requirements.
After applying rated voltage for 2000 hours at 85℃ and humidity of 85%,
the capacitors shall meet the following requirements.
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
□□
Lead Forming
D×L
Case Size
51A
68
H ZE


Similar Description - PZE_15

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
PFV RUBYCON-PFV_15 Datasheet
181Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
25PEV56M6.3X6.1 RUBYCON-25PEV56M6.3X6.1 Datasheet
182Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
25PZE220M8X9 RUBYCON-25PZE220M8X9 Datasheet
177Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
35PEV47M6.3X6.1 RUBYCON-35PEV47M6.3X6.1 Datasheet
182Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
35PEV68M6.3X8 RUBYCON-35PEV68M6.3X8 Datasheet
182Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
35PEV270M10X10.5 RUBYCON-35PEV270M10X10.5 Datasheet
182Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
35PFV47M6.3X6.1 RUBYCON-35PFV47M6.3X6.1 Datasheet
180Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
50PFV22M6.3X6.1 RUBYCON-50PFV22M6.3X6.1 Datasheet
180Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
63PEV56M10X10.5 RUBYCON-63PEV56M10X10.5 Datasheet
182Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
50PEV68M8X10.5 RUBYCON-50PEV68M8X10.5 Datasheet
182Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com