Electronic Components Datasheet Search
  English  ▼

X  

93C56 Datasheet(PDF) 11 Page - Microchip Technology

Part # 93C56
Description  2K 5.0V Automotive Temperature Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C56 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 93C56 Datasheet HTML 4Page - Microchip Technology 93C56 Datasheet HTML 5Page - Microchip Technology 93C56 Datasheet HTML 6Page - Microchip Technology 93C56 Datasheet HTML 7Page - Microchip Technology 93C56 Datasheet HTML 8Page - Microchip Technology 93C56 Datasheet HTML 9Page - Microchip Technology 93C56 Datasheet HTML 10Page - Microchip Technology 93C56 Datasheet HTML 11Page - Microchip Technology 93C56 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS21206B-page 11
93C56A/B
93C56A/B PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Package:
P = Plastic DIP (300 mil Body), 8-lead
SN = Plastic SOIC (150 mil Body), 8-lead
Temperature
Range:
E = -40
°C to +125°C
Device:
93C56A
2K Microwire Serial EEPROM (x8)
93C56AT
2K Microwire Serial EEPROM (x8) Tape and Reel
93C56B
2K Microwire Serial EEPROM (x16)
93C56BT
2K Microwire Serial EEPROM (x16) Tape and Reel
93C56A/B
/P
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office.
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277.
3.
The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com