Electronic Components Datasheet Search
  English  ▼

X  

TGV Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # TGV
Description  CHIP ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

TGV Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  TGV Datasheet HTML 1Page - RUBYCON CORPORATION TGV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
TGV
SERIES
TGV
Rated Voltage
(Vdc)
φ8∼10
φ12.5∼18
0.23
0.18
16
0.18
0.16
25
0.16
0.14
35
125℃ Low ESR, Lead Free Reflow Soldering
◆FEATURES
・Load Life : 125℃ 3000∼5000 hours Low ESR.
・Lead free reflow soldering is available.
・ESR standard after endurance test.
・Available for high density mounting.
・Large can size SMD.
・RoHS compliance.
(20℃,
120Hz)
Leakage Current
Dissipation Factor
Capacitance Change
Within ±30% of the initial value.
Not more than 300% of the specified value.
Not more than the specified value.
Case Size
LifeTime
(hrs)
φD≦10
3000
5000
φD≧12.5
8×10.5
10×10.5
0.6
0.4
4.5
20℃
−40℃
3.5
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+125℃
16∼35Vdc
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater. (After 2 minutes application of rated voltage)
I=Leakage Current (μA)     C=Capacitance (μF)    V=Rated Voltage (Vdc)
After applying rated voltage for specified time at 125℃, the capacitors shall meet the following requirements.
After applying rated voltage with rated ripple current for specified time at 125℃,
the capacitors shall meet the following requirements.
ESR standard after endurance test
(125℃, 2000 hrs with rated voltage applied)
When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with Increase of every 1000 μF.
Rated Voltage
(Vdc)
Z
(−40℃)
/Z
(20℃) 3
16
3
25
3
35
(120Hz)
(Ω/100kHz)
◆PART NUMBER
□□□
Rated Voltage
TGV
Series
□□□
Option
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
120
1k
10k
100k≦
100μF
0.50
0.80
0.95
1.00
0.60
0.85
0.95
1.00
220∼3300μF
Rated voltage
(Vdc)
Voltage code
16
C
1C
25
E
1E
35
V
1V
φD≦10
φD≧12.5
◆MARKING
〈φ8,φ10〉
〈φ12.5∼φ18〉
Lot No.
Capacitance
Series
※
Rated voltage code
Negative
Lot No.
Capacitance
Series
※
Rated voltage code
※Voltage code
Negative
AA
470
CTG
AA
2200
1C TG


Similar Part No. - TGV

ManufacturerPart #DatasheetDescription
logo
Timeguard
TGV101N TIMEGUARD-TGV101N Datasheet
765Kb / 2P
Weathersafe Vision Single Gang 13A Switched Socket
14/02/2025
TGV103N TIMEGUARD-TGV103N Datasheet
791Kb / 2P
Weathersafe Vision Single Gang 13A Fused Spur
14/02/2025
TGV104NP TIMEGUARD-TGV104NP Datasheet
845Kb / 3P
Weathersafe Vision Single Gang 13A Outdoor RCD Fused Spur – Passive
14/02/2025
TGV105NP TIMEGUARD-TGV105NP Datasheet
447Kb / 3P
Single Gang 13A Outdoor RCD Fused Spur - Passive
14/02/2025
TGV201N TIMEGUARD-TGV201N Datasheet
834Kb / 2P
Weathersafe Vision Twin Gang 13A Switched Socket
14/02/2025
More results

Similar Description - TGV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25TLV470M10X10.5 RUBYCON-25TLV470M10X10.5 Datasheet
151Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
6.3TZV330M6.3X8 RUBYCON-6.3TZV330M6.3X8 Datasheet
75Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SJV RUBYCON-SJV_15 Datasheet
196Kb / 1P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SKV RUBYCON-SKV_15 Datasheet
167Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SLV RUBYCON-SLV_15 Datasheet
212Kb / 1P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
25TZV100M6.3X8 RUBYCON-25TZV100M6.3X8 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV100M6.3X8 RUBYCON-35TZV100M6.3X8 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
6.3SZV47M5X5.5 RUBYCON-6.3SZV47M5X5.5 Datasheet
76Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
16SEV10M4X5.5 RUBYCON-16SEV10M4X5.5 Datasheet
172Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV220M8X10.5 RUBYCON-35TZV220M8X10.5 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com