Electronic Components Datasheet Search
  English  ▼

X  

TLE7233G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7233G
Description  4 channel low-side driver with limp home
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233G Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7233G Datasheet HTML 1Page - Infineon Technologies AG TLE7233G Datasheet HTML 2Page - Infineon Technologies AG TLE7233G Datasheet HTML 3Page - Infineon Technologies AG TLE7233G Datasheet HTML 4Page - Infineon Technologies AG TLE7233G Datasheet HTML 5Page - Infineon Technologies AG TLE7233G Datasheet HTML 6Page - Infineon Technologies AG TLE7233G Datasheet HTML 7Page - Infineon Technologies AG TLE7233G Datasheet HTML 8Page - Infineon Technologies AG TLE7233G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
PG-SSOP-24-5
Type
Package
Marking
TLE7233G
PG-SSOP-24-5
TLE7233G
Datasheet
3
Rev. 1.2, 2014-05-09
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233G
TLE7233G
1Overview
Features
•
4 channel low side relay driver
•
8-bit SPI for diagnostics and control
•
SPI providing Daisy Chain Capability
•
Limp Home functionality
•
Very wide range for digital Supply Voltage
•
Four input pins provide flexible and straightforward PWM operation
•
Stable behavior at Under Voltage
•
Green Product (RoHS compliant)
•
AEC Qualified
Diagnostic Features
•
Latched diagnostic information via SPI
•
Over temperature monitoring
•
Over load detection in ON state
•
Open load detection in OFF state
Table 1
Product Summary
Digital supply voltage
V
DD
3.0 V ... 5.5 V
Analog supply voltage
V
DDA
4.5 V ... 5.5 V
ON State resistance at Tj = 150°C for each channel
R
DS(ON)
2.2
Ω
Nominal load current
I
D (nom,min)
390 mA
Overload switch off threshold
I
D (OVL,max) 950 mA
Output leakage current per channel at 25 °C
I
D (STB,max) 1 µA
Drain to Source clamping voltage
V
DS(AZ)
41 V
SPI clock frequency
f
SCLK
5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com