Electronic Components Datasheet Search
  English  ▼

X  

HCS410-P Datasheet(PDF) 29 Page - Microchip Technology

Part # HCS410-P
Description  KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410-P Datasheet(HTML) 29 Page - Microchip Technology

Back Button HCS410-P Datasheet HTML 25Page - Microchip Technology HCS410-P Datasheet HTML 26Page - Microchip Technology HCS410-P Datasheet HTML 27Page - Microchip Technology HCS410-P Datasheet HTML 28Page - Microchip Technology HCS410-P Datasheet HTML 29Page - Microchip Technology HCS410-P Datasheet HTML 30Page - Microchip Technology HCS410-P Datasheet HTML 31Page - Microchip Technology HCS410-P Datasheet HTML 32Page - Microchip Technology HCS410-P Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
HCS410
© 1997 Microchip Technology Inc.
Preliminary
DS40158C-page 29
FIGURE 5-1:
POWER UP AND TRANSMIT TIMING
TABLE 5-3:
POWER UP AND TRANSMIT TIMING REQUIREMENTS
VDD = +2.0 to 6.3V
Commercial (C):Tamb = 0
°C to +70°C
Industrial
(I): Tamb = -40
°C to +85°C
Parameter
Symbol
Min
Typ.
Max
Unit
Remarks
Time to second button press
TBP
34 + Code
Word Time
38 + Code
Word Time
42 + Code
Word Time
ms
(Note 1)
Transmit delay from button detect
TTD
34.2
38
41.8
ms
(Note 2)
Debounce delay
TDB
27
30
33
ms
Auto-shutoff time-out period
TTO
18
20
22
s
(Note 3)
Time to first LED on
TLST
—
240
—
ms
LED high-time
TLH
—25—
ms
LED high-time when battery low
TLHV
—
200
—
ms
LED low-time
TLL
—
480
—
ms
Note 1: TBP is the time in which a second button can be pressed without completion of the first code word and the
intention was to press the combination of buttons.
2: Transmit delay maximum value if the previous transmission was successfully transmitted.
3: The auto-shutoff timeout period is not tested.
Button Press
Sn
Detect
TDB
PWM
TTD
Code Word Transmission
TTO
Code
Word
1
Code
Word
2
Code
Word
3
Code
Word
n
TBP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com