Electronic Components Datasheet Search
  English  ▼

X  

MCP2120 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP2120
Description  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 38Page - Microchip Technology MCP2120 Datasheet HTML 39Page - Microchip Technology MCP2120 Datasheet HTML 40Page - Microchip Technology MCP2120 Datasheet HTML 41Page - Microchip Technology MCP2120 Datasheet HTML 42Page - Microchip Technology MCP2120 Datasheet HTML 43Page - Microchip Technology MCP2120 Datasheet HTML 44Page - Microchip Technology MCP2120 Datasheet HTML 45Page - Microchip Technology MCP2120 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
MCP2120/MCP2150 USER’S GUIDE
DS51246A-page 38
 2001 Microchip Technology Inc.
Figure 3.20: Debug Flowchart - MCP2120 Developer’s Board #2 Side
Debug Board #2
Data
appear on
Yes
No
MCP2120
RXIR
Data
appear on
Yes
No
MCP2120
RX pin?
pin?
Verify that the connection for
Board #1 TXIR to Optical
Transceiver and Board #2
Optical Transceiver to RXIR
(3 pin headers J6 and J7).
Ensure that the Optical
Transceivers are aligned.
Ensure that distance between
Board #1 and Board #2 is
approximately 6” (15 cm).
Try component transceiver
option on each board
(Board #1, then Board #2,
and lastly both boards)
Data
appear on
Yes
No
MAX232
T1IN
pin?
Data
appear on
Yes
No
MAX232
T1OUT
pin?
Verify 3 pin header J4
is jumpered correctly
Disconnect serial cable
that the MAX232 device
Verify that the connection from
PC #1 to Board #1 is good.
Try communication with
another serial device
(such as PICSTART Plus).
Problem with MCP2120
Verify device has power/ground
Try replacing with new MCP2120
Ensure jumper JP4 is open
Ensure crystal oscillator is correct
frequency and operating
Ensure Baud Rate is correct
(jumpers JP1, JP2, and JP3)
still no data, it appears
to ensure T1OUT is
not loaded down. If
is damaged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com