Electronic Components Datasheet Search
  English  ▼

X  

MTE1122 Datasheet(PDF) 1 Page - Microchip Technology

Part # MTE1122
Description  Energy Management Controller IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTE1122 Datasheet(HTML) 1 Page - Microchip Technology

  MTE1122 Datasheet HTML 1Page - Microchip Technology MTE1122 Datasheet HTML 2Page - Microchip Technology MTE1122 Datasheet HTML 3Page - Microchip Technology MTE1122 Datasheet HTML 4Page - Microchip Technology MTE1122 Datasheet HTML 5Page - Microchip Technology MTE1122 Datasheet HTML 6Page - Microchip Technology MTE1122 Datasheet HTML 7Page - Microchip Technology MTE1122 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 1995 Microchip Technology Inc.
Preliminary
DS21112B-page 1
FEATURES
• Energy Management Controller
• Based on 8-bit RISC Technology
• Proprietary Power Management Algorithm
• Reduces the power consumption of induction
motor systems
• 5V Operation
• 18-pin PDIP and SOIC Packages
• 8-bit Analog-to-Digital (A/D) Converter
• Automatic Power-on Reset
• Power-up Timer
• Commercial and Industrial Temperature Range
Operation
• Multiple parts can be slaved for three-phase oper-
ation
INTRODUCTION
The MTE1122 is an Energy Management Controller IC
for single-phase induction motors. This CMOS device
is based on Microchip Technology Inc’s RISC proces-
sor core and proprietary algorithms. When combined
with some external analog components, it will provide
an electronic system that economically reduces the
operating costs of small induction motors by as much
as 58%. It will also allow motors to run cooler and with
less vibration. The system operates on single phase
110 or 220 VAC.
PACKAGE TYPE
FIGURE 1: SYSTEM BLOCK DIAGRAM
VSS1
P-Sense
VSS
RESET
VSS
ZC-Sense
TTRIG
NC
NC
• 1
2
3
4
5
6
7
8
9
VSS
Gate Input
OSC1
OSC2
VDD
IND
NC
NC
NC
18
17
16
15
14
13
12
11
10
18-Lead PDIP/SOIC
MTE1122
LINE IN
LINE OUT
TO MOTOR
TRIAC
VOLTAGE
ZERO-CROSS
VOLTAGE AMP
CURRENT
ZERO-CROSS
VCC
POWER
NEUTRAL IN
NEUTRAL OUT
FIGURE 2: ENERGY SAVINGS
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0
1 02 03 04 05 06 0
7 08 09 0
1 0 0
Percent Load
MTE1122
Energy Management Controller IC


Similar Part No. - MTE1122

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1100 MARKTECH-MTE1100 Datasheet
78Kb / 2P
GaAs INFRARED EMITTER INFRARED LED FOR PHOTO SENSOR
logo
Cystech Electonics Corp...
MTE110P10KQ8 CYSTEKEC-MTE110P10KQ8 Datasheet
438Kb / 9P
P-Channel Enhancement Mode Power MOSFET
MTE115P10J3 CYSTEKEC-MTE115P10J3 Datasheet
435Kb / 9P
P-Channel Enhancement Mode Power MOSFET
MTE115P10KJ3 CYSTEKEC-MTE115P10KJ3 Datasheet
436Kb / 9P
P-Channel Enhancement Mode Power MOSFET
MTE115P10KQ8 CYSTEKEC-MTE115P10KQ8 Datasheet
711Kb / 9P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTE1122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
Energy Management Energy Meter
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
Energy Management Energy Analyzer
logo
Monolithic Power System...
MP5507E MPS-MP5507E Datasheet
1Mb / 18P
7V, 3A, High-Efficiency, Energy Management IC for Power Backup
logo
EM Microelectronic - MA...
EM8500 EMMICRO-EM8500 Datasheet
1Mb / 34P
POWER MANAGEMENT CONTROLLER WITH ENERGY HARVESTING INTERFACE
logo
Carlo Gavazzi Holding A...
ET340 CARLOGAVAZZI-ET340 Datasheet
278Kb / 8P
Energy Management Energy Transducer Type ET340
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
Energy Management Energy Meter Type EM340
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
Energy Management Energy Analyzer Type EM111
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
Energy Management Energy Meter Type EM110
logo
WAGO Kontakttechnik Gmb...
750-8202-000-022 WAGO-750-8202-000-022 Datasheet
755Kb / 11P
Controller PFC200; Application for energy data management
logo
Advantech Co., Ltd.
SRP-IFS250-H82F01A ADVANTECH-SRP-IFS250-H82F01A Datasheet
1Mb / 3P
Factory Energy Management Solution
13-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com