Electronic Components Datasheet Search
  English  ▼

X  

UT2305 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT2305
Description  P-CHANNEL ENHANCEMENT MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2305 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT2305_15 Datasheet HTML 1Page - Unisonic Technologies UT2305_15 Datasheet HTML 2Page - Unisonic Technologies UT2305_15 Datasheet HTML 3Page - Unisonic Technologies UT2305_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT2305
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-133.H
4.2A, 20V P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT2305 is P-channel enhancement mode power
MOSFET, designed in serried ranks. With fast switching speed, low
on-resistance, favorable stabilization.
Used in commercial and industrial surface mount applications
and suited for low voltage applications such as DC/DC converters.
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
123
4
5
6
UT2305G-AE2-R
SOT-23-3
S
G
D
-
-
-
Tape Reel
UT2305G-AE3-R
SOT-23
S
G
D
-
-
-
Tape Reel
UT2305G-AG3-R
SOT-26
D
D
G
S
D
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING
SOT-23 / SOT-23-3
SOT-26


Similar Part No. - UT2305_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2305A UTC-UT2305A Datasheet
306Kb / 4P
P-CHANNEL ENHANCEMENT MODE
UT2305AG-AE3-R UTC-UT2305AG-AE3-R Datasheet
306Kb / 4P
P-CHANNEL ENHANCEMENT MODE
UT2305AG-AE3-R UTC-UT2305AG-AE3-R Datasheet
342Kb / 5P
P-CHANNEL ENHANCEMENT MOSFET
UT2305AG-K06B-2020-R UTC-UT2305AG-K06B-2020-R Datasheet
342Kb / 5P
P-CHANNEL ENHANCEMENT MOSFET
UT2305AL-AE3-R UTC-UT2305AL-AE3-R Datasheet
306Kb / 4P
P-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT2305_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com