Electronic Components Datasheet Search
  English  ▼

X  

LM2930 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2930
Description  3-Terminal Positive Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2930 Datasheet(HTML) 2 Page - Texas Instruments

  LM2930 Datasheet HTML 1Page - Texas Instruments LM2930 Datasheet HTML 2Page - Texas Instruments LM2930 Datasheet HTML 3Page - Texas Instruments LM2930 Datasheet HTML 4Page - Texas Instruments LM2930 Datasheet HTML 5Page - Texas Instruments LM2930 Datasheet HTML 6Page - Texas Instruments LM2930 Datasheet HTML 7Page - Texas Instruments LM2930 Datasheet HTML 8Page - Texas Instruments LM2930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LM2930
SNVS745D – APRIL 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Voltage
Operating Range
26V
Overvoltage Protection
40V
Reverse Voltage (100 ms)
−12V
Reverse Voltage (DC)
−6V
Internal Power Dissipation (3)
Internally Limited
Operating Temperature Range
−40°C to +85°C
Maximum Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Lead Temp. (Soldering, 10 seconds)
230°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Thermal resistance without a heat sink for junction to case temperature is 3°C/W and for case to ambient temperature is 50°C/W for the
TO-220, 73°C/W for the SFM. If the SFM package is used, the thermal resistance can be reduced by increasing the P.C. board copper
area thermally connected to the package. Using 0.5 square inches of copper area,
θJA is 50°C/W; with 1 square inch of copper area, θJA
is 37°C/W; and with 1.6 or more square inches of copper area,
θJA is 32°C/W.
Electrical Characteristics
(1)
LM2930-5.0 VIN=14V, IO=150 mA, Tj=25°C
(2), C2=10 μF, unless otherwise specified
Parameter
Conditions
Typ
Tested
Design
Unit
Limit(3)
Limit(4)
Output Voltage
5
5.3
VMAX
4.7
VMIN
6V
≤VIN≤26V, 5 mA≤IO≤150 mA
5.5
VMAX
−40°C≤TJ≤125°C
4.5
VMIN
Line Regulation
9V
≤VIN≤16V, IO=5 mA
7
25
mVMAX
6V
≤VIN≤26V, IO=5 mA
30
80
mVMAX
Load Regulation
5 mA
≤IO≤150 mA
14
50
mVMAX
Output Impedance
100 mADC & 10 mArms, 100 Hz−10 kHz
200
m
Ω
Quiescent Current
IO=10 mA
4
7
mAMAX
IO=150 mA
18
40
mAMAX
Output Noise Voltage
10 Hz
−100 kHz
140
μVrms
Long Term Stability
20
mV/1000 hr
Ripple Rejection
fO=120 Hz
56
dB
Current Limit
400
700
mAMAX
150
mAMIN
Dropout Voltage
IO=150 mA
0.32
0.6
VMAX
Output Voltage Under
−12V≤VIN≤40V, RL=100Ω
5.5
VMAX
Transient Conditions
−0.3
VMIN
(1)
All characteristics are measured with a capacitor across the input of 0.1
μF and a capacitor across the output of 10 μF. All
characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tW≤10 ms, duty cycle≤5%). Output
voltage changes due to changes in internal temperature must be taken into account separately.
(2)
To ensure constant junction temperature, low duty cycle pulse testing is used.
(3)
Ensured and 100% production tested.
(4)
Ensured (but not 100% production tested) over the operating temperature and input current ranges. These limits are not used to
calculate outgoing quality levels.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2930



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com