Electronic Components Datasheet Search
  English  ▼

X  

PIC16C64X Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16C64X
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64X Datasheet(HTML) 1 Page - Microchip Technology

  PIC16C64X Datasheet HTML 1Page - Microchip Technology PIC16C64X Datasheet HTML 2Page - Microchip Technology PIC16C64X Datasheet HTML 3Page - Microchip Technology PIC16C64X Datasheet HTML 4Page - Microchip Technology PIC16C64X Datasheet HTML 5Page - Microchip Technology PIC16C64X Datasheet HTML 6Page - Microchip Technology PIC16C64X Datasheet HTML 7Page - Microchip Technology PIC16C64X Datasheet HTML 8Page - Microchip Technology PIC16C64X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS30559A-page 1
Devices included in this data sheet:
• PIC16C641
• PIC16C642
• PIC16C661
• PIC16C662
High Performance RISC CPU:
• Only 35 instructions to learn
• All single-cycle instructions (200 ns), except for
program branches which are two-cycle
• Operating speed:
- DC - 20 MHz clock input
- DC - 200 ns instruction cycle
• Interrupt capability
• 8-level deep hardware stack
• Direct, Indirect and Relative addressing modes
Peripheral Features:
• Up to 33 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
- Two analog comparators
- Programmable on-chip voltage reference
(VREF) module
- Programmable input multiplexing from device
inputs and internal voltage reference
- Comparator outputs can be output signals
• Timer0: 8-bit timer/counter with 8-bit
programmable prescaler
Special Microcontroller Features:
• Power-on Reset (POR)
• Power-up Timer (PWRT) and
Oscillator Start-up Timer (OST)
• Brown-out Reset
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Programmable code protection
• Power saving SLEEP mode
• Selectable oscillator options
• Serial in-circuit programming (via two pins)
Device
Program
Memory x14
Data
Memory x8
PIC16C641
2K
128
PIC16C642
4K
176
PIC16C661
2K
128
PIC16C662
4K
176
Pin Diagrams
PDIP, SOIC, Windowed CERDIP
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0/INT
VDD
VSS
RC7
RC6
RC5
RC4
28
27
26
25
24
23
22
21
20
19
18
17
16
15
MCLR/VPP
RA0/AN0
RA1/AN1
RA2/AN2/VREF
RA3/AN3
RA4/T0CKI
RA5
VSS
OSC1/CLKIN
OSC2/CLKOUT
RC0
RC1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
RC2
RC3
PDIP, Windowed CERDIP
10
11
2
3
4
5
6
1
8
7
9
12
13
14
15
16
17
18
19
20
29
30
31
32
33
34
35
36
37
38
39
23
24
25
26
27
28
22
21
40
MCLR/VPP
RA0/AN0
RA1/AN1
RA2/AN2/VREF
RA3/AN3
RA4/T0CKI
RA5
RE0/RD
OSC1/CLKIN
OSC2/CLKOUT
RE1/WR
RE2/CS
VDD
VSS
RD0/PSP0
RD1/PSP1
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0/INT
VDD
VSS
RD7/PSP7
RD6/PSP6
RD4/PSP4
RC7
RC6
RC5
RC4
RD3/PSP3
RD2/PSP2
RD5/PSP5
RC0
RC1
RC2
RC3
• Four user programmable ID locations
• Program Memory Parity Error checking circuitry
with Parity Error Reset (PER)
• CMOS Technology:
• Low-power, high-speed CMOS EPROM technology
• Fully static design
• Wide operating voltage range: 3.0V to 6.0V
• Commercial, Industrial and Automotive
temperature ranges
• Low power consumption
- < 2.0 mA @ 5.0V, 4.0 MHz
- 15
µA typical @ 3.0V, 32 kHz
- < 1.0
µA typical standby current @ 3.0V
8-Bit EPROM Microcontrollers with Analog Comparators
PIC16C64X & PIC16C66X
This document was created with FrameMaker404


Similar Part No. - PIC16C64X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C64 MICROCHIP-PIC16C64 Datasheet
2Mb / 336P
8-Bit CMOS Microcontrollers
1997 - 1999
PIC16C64 MICROCHIP-PIC16C64 Datasheet
6Mb / 334P
8-Bit CMOS Microcontrollers
1997-2013 11/29/12
PIC16C64-04/JW MICROCHIP-PIC16C64-04/JW Datasheet
2Mb / 336P
8-Bit CMOS Microcontrollers
1997 - 1999
PIC16C64-04/L MICROCHIP-PIC16C64-04/L Datasheet
2Mb / 336P
8-Bit CMOS Microcontrollers
1997 - 1999
PIC16C64-04/P MICROCHIP-PIC16C64-04/P Datasheet
2Mb / 336P
8-Bit CMOS Microcontrollers
1997 - 1999
More results

Similar Description - PIC16C64X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L84BC NSC-COP87L84BC Datasheet
660Kb / 54P
8-Bit CMOS OTP Microcontrollers with 16k Memory, Comparators, and CAN Interface
logo
Microchip Technology
PIC17C75X MICROCHIP-PIC17C75X Datasheet
2Mb / 320P
High-Performance 8-Bit CMOS EPROM Microcontrollers
1997 - 1999
PIC17C7XX MICROCHIP-PIC17C7XX Datasheet
1Mb / 328P
High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
PIC16C62X MICROCHIP-PIC16C62X_03 Datasheet
3Mb / 128P
EPROM-Based 8-Bit CMOS Microcontrollers
2003
PIC17C7XX MICROCHIP-PIC17C7XX_00 Datasheet
4Mb / 304P
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
2000
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
PIC17C7XX MICROCHIP-PIC17C7XX_13 Datasheet
4Mb / 306P
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
11/29/12 1998-2013
PIC16LC558-04-SS MICROCHIP-PIC16LC558-04-SS Datasheet
1Mb / 108P
EPROM-Based 8-Bit CMOS Microcontrollers
11/29/12
PIC16C62B-04 MICROCHIP-PIC16C62B-04 Datasheet
3Mb / 128P
EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C622A-04I-P MICROCHIP-PIC16C622A-04I-P Datasheet
3Mb / 128P
EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com