Electronic Components Datasheet Search
  English  ▼

X  

LM9036 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM9036
Description  Ultra-Low Quiescent Current Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM9036 Datasheet(HTML) 2 Page - Texas Instruments

  LM9036 Datasheet HTML 1Page - Texas Instruments LM9036 Datasheet HTML 2Page - Texas Instruments LM9036 Datasheet HTML 3Page - Texas Instruments LM9036 Datasheet HTML 4Page - Texas Instruments LM9036 Datasheet HTML 5Page - Texas Instruments LM9036 Datasheet HTML 6Page - Texas Instruments LM9036 Datasheet HTML 7Page - Texas Instruments LM9036 Datasheet HTML 8Page - Texas Instruments LM9036 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LM9036
SNVS140E – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
Figure 2. 8 Lead VSSOP
Figure 3. 8 Lead SOIC
Top View
Top View
LM9036MM-3.3, , LM9036MMX-3.3, LM9036MM-5.0,
LM9036M-3.3, LM9036MX-3.3, LM9036M-5.0,
LM9036MMX-5.0
LM9036MX-5.0
See NS Package Number DGK
See NS Package Number D
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Voltage (Survival)
+55V,
−45V
ESD Susceptibility(3)
±1.9kV
Power Dissipation(4)
Internally limited
Junction Temperature (TJmax)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating ratings.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human body model, 100pF discharge through a 1.5k
Ω resistor.
(4)
The maximum power dissipation is a function of TJmax, θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJmax − TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and the LM9036 will go
into thermal shutdown.
Operating Ratings
Operating Temperature Range
−40°C to +125°C
Maximum Input Voltage (Operational)
40V
SOIC-8 (D)
θJA
(1)
140°C/W
PFM (NDP0003B)
θJA
(1)
125°C/W
PFM (NDP0003B)
θJA
(2)
50°C/W
PFM (NDP0003B)
θJC
(1)
11°C/W
MSO-8 (DGK)
θJA
(1)
200°C/W
(1)
Worst case (Free Air) per EIA / JESD51-3.
(2)
Typical
θJA with 1 square inch of 2oz copper pad area directly under the ground tab.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM9036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com