Electronic Components Datasheet Search
  English  ▼

X  

PIC16C770 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16C770
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C770 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16C770 Datasheet HTML 45Page - Microchip Technology PIC16C770 Datasheet HTML 46Page - Microchip Technology PIC16C770 Datasheet HTML 47Page - Microchip Technology PIC16C770 Datasheet HTML 48Page - Microchip Technology PIC16C770 Datasheet HTML 49Page - Microchip Technology PIC16C770 Datasheet HTML 50Page - Microchip Technology PIC16C770 Datasheet HTML 51Page - Microchip Technology PIC16C770 Datasheet HTML 52Page - Microchip Technology PIC16C770 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 200 page
background image
PIC16C717/770/771
© 1999 Microchip Technology Inc.
Advanced Information
DS41120A-page 49
6.0
TIMER1 MODULE
The Timer1 module timer/counter has the following fea-
tures:
• 16-bit timer/counter
(Two 8-bit registers; TMR1H and TMR1L)
• Readable and writable (Both registers)
• Internal or external clock select
• Interrupt on overflow from FFFFh to 0000h
• Reset from ECCP module trigger
Timer1 has a control register, shown in Register 6-1.
Timer1 can be enabled/disabled by setting/clearing
control bit TMR1ON (T1CON<0>).
Figure 6-2 is a simplified block diagram of the Timer1
module.
Additional information on timer modules is available in
the
PICmicro™
Mid-Range
Reference
Manual,
(DS33023).
6.1
Timer1 Operation
Timer1 can operate in one of these modes:
•As a timer
• As a synchronous counter
• As an asynchronous counter
The operating mode is determined by the clock select
bit, TMR1CS (T1CON<1>).
In timer mode, Timer1 increments every instruction
cycle.
In counter mode, it increments on every rising
edge of the external clock input.
When the Timer1 oscillator is enabled (T1OSCEN is
set), the RB7/T1OSI/P1D and RB6/T1OSO/T1CKI/
P1C pins are no longer available as I/O ports or PWM
outputs. That is, the TRISB<7:6> value is ignored.
Timer1 also has an internal “reset input”. This reset can
be generated by the ECCP module (Section 7.0).
REGISTER 6-1:
TIMER1 CONTROL REGISTER (T1CON: 10h)
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
T1CKPS1 T1CKPS0 T1OSCEN
T1SYNC
TMR1CS TMR1ON
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-6:
Unimplemented: Read as ’0’
bit 5-4:
T1CKPS<1:0>: Timer1 Input Clock Prescale Select bits
11
= 1:8 Prescale value
10
= 1:4 Prescale value
01
= 1:2 Prescale value
00
= 1:1 Prescale value
bit 3:
T1OSCEN: Timer1 Oscillator Enable Control bit
1
= Oscillator is enabled
0
= Oscillator is shut off
Note: The oscillator inverter and feedback resistor are turned off to eliminate power drain
bit 2:
T1SYNC: Timer1 External Clock Input Synchronization Control bit
TMR1CS = 1
1
= Do not synchronize external clock input
0
= Synchronize external clock input
TMR1CS = 0
This bit is ignored. Timer1 uses the internal clock when TMR1CS = 0.
bit 1:
TMR1CS: Timer1 Clock Source Select bit
1
= External clock from pin RB6/T1OSO/T1CKI /P1C(on the rising edge)
0
= Internal clock (FOSC/4)
bit 0:
TMR1ON: Timer1 On bit
1
= Enables Timer1
0
= Stops Timer1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com