Electronic Components Datasheet Search
  English  ▼

X  

ICM7243BlPLZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # ICM7243BlPLZ
Description  8-Character, Microprocessor-Compatible, LED Display Decoder Dri
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7243BlPLZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ICM7243BlPLZ Datasheet HTML 9Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 10Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 11Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 12Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 13Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 14Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 15Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 16Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
FN3162.5
October 2, 2015
FIGURE 12. ICM7243B 14-SEGMENT CHARACTER FONT WITH DECIMAL POINT
FIGURE 13. SEGMENT AND CHARACTER DRIVERS OUTPUT CIRCUIT
Display Font and Segment Assignments (Continued)
00
01
D5, D4
1
0
11
D3
0000000011111111
D2
0000111100001111
D1
0011001100110011
D0
0101010101010101
NOTE: Segments a and d appear as 2 segments each, but both halves are driven together.
g1
g2
k
ml
f
e
b
c
a1
hj
i
a2
d2
d1
g1
g2
k
m
f
e
b
c
hj
i
a
d1
DP
l
d
VDD
SEGMENT
DRIVER
R
CHARACTER
DRIVER
RDS(ON) ~ 4Þ
VSS
CHAR N
SEGMENT LEDs
SEG x
DISPLAY
VLED = 1.6V
RTYPICAL = 100µ
ICM7243
ICM7243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com