Electronic Components Datasheet Search
  English  ▼

X  

ISL84521 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL84521
Description  Low-Voltage, Single and Dual Supply,Quad SPST, Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84521 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL84521 Datasheet HTML 1Page - Intersil Corporation ISL84521 Datasheet HTML 2Page - Intersil Corporation ISL84521 Datasheet HTML 3Page - Intersil Corporation ISL84521 Datasheet HTML 4Page - Intersil Corporation ISL84521 Datasheet HTML 5Page - Intersil Corporation ISL84521 Datasheet HTML 6Page - Intersil Corporation ISL84521 Datasheet HTML 7Page - Intersil Corporation ISL84521 Datasheet HTML 8Page - Intersil Corporation ISL84521 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Pinouts (Note 1)
ISL84521 (SOIC, TSSOP)
TOP VIEW
ISL84522 (SOIC, TSSOP)
TOP VIEW
ISL84523 (SOIC, TSSOP)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NC1
V-
GND
NC4
IN4
COM4
IN2
NC2
V+
N.C.
NC3
COM3
IN3
COM2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NO1
V-
GND
NO4
IN4
COM4
IN2
NO2
V+
N.C.
NO3
COM3
IN3
COM2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NO1
V-
GND
NO4
IN4
COM4
IN2
NC2
V+
N.C.
NC3
COM3
IN3
COM2
Truth Table
LOGIC
ISL84521
ISL84522
ISL84523
SW 1, 2, 3, 4
SW 1, 2, 3, 4
SW 1, 4
SW 2, 3
0On
Off
Off
On
1
Off
On
On
Off
NOTE: Logic “0”
 0.8V. Logic “1” 2.4V.
Pin Descriptions
PIN
FUNCTION
V+
Positive Power Supply Input
V-
Negative Power Supply Input. Connect to GND for
Single Supply Configurations.
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection
Ordering Information
PART NO.
(Note 2)
TEMP.
RANGE
(oC)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL84521IBZ*
-40 to 85
16 Ld SOIC (N)
M16.15
ISL84521IVZ*
-40 to 85
16 Ld TSSOP
M16.173
ISL84522IBZ*
-40 to 85
16 Ld SOIC (N)
M16.15
ISL84522IVZ*
-40 to 85
16 Ld TSSOP
M16.173
ISL84523IBZ*
No longer available,
recommended
replacement:
ISL84524IUZ-T)
-40 to 85
16 Ld SOIC (N)
M16.15
ISL84523IVZ*
No longer available,
recommended
replacement:
ISL84524IUZ-T)
-40 to 85
16 Ld TSSOP
M16.173
*Add “-T” suffix to part number for tape and reel packaging.
NOTE:
2. Intersil Pb-free products employ special Pb-free material sets; molding compounds/die
attach materials and 100% matte tin plate termination finish, which is compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J Std-020B.
ISL84521, ISL84522, ISL84523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com