Electronic Components Datasheet Search
  English  ▼

X  

UT40N03TG-K08-3030-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT40N03TG-K08-3030-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT40N03TG-K08-3030-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT40N03TG-K08-3030-R Datasheet HTML 1Page - Unisonic Technologies UT40N03TG-K08-3030-R Datasheet HTML 2Page - Unisonic Technologies UT40N03TG-K08-3030-R Datasheet HTML 3Page - Unisonic Technologies UT40N03TG-K08-3030-R Datasheet HTML 4Page - Unisonic Technologies UT40N03TG-K08-3030-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT40N03T
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-172.G
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current
ID
28
A
Pulsed Drain Current
IDM
95
A
Total Power Dissipation
TO-220/TO-263
PD
31.25
W
TO-251/ TO-252
DFN-8(3×3)
41
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-263
θJA
62
°C/W
TO-251/ TO-252
60
DFN-8(3×3)
65
Junction to Case
TO-220/TO-263
θJC
4
°C/W
TO-251/ TO-252
DFN-8(3×3)
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com