Electronic Components Datasheet Search
  English  ▼

X  

PIC16F8X Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16F8X
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F8X Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16F8X Datasheet HTML 26Page - Microchip Technology PIC16F8X Datasheet HTML 27Page - Microchip Technology PIC16F8X Datasheet HTML 28Page - Microchip Technology PIC16F8X Datasheet HTML 29Page - Microchip Technology PIC16F8X Datasheet HTML 30Page - Microchip Technology PIC16F8X Datasheet HTML 31Page - Microchip Technology PIC16F8X Datasheet HTML 32Page - Microchip Technology PIC16F8X Datasheet HTML 33Page - Microchip Technology PIC16F8X Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 124 page
background image
PIC16F8X
DS30430C-page 30
© 1998 Microchip Technology Inc.
FIGURE 6-5:
TIMER0 TIMING WITH EXTERNAL CLOCK
FIGURE 6-6:
BLOCK DIAGRAM OF THE TMR0/WDT PRESCALER
Increment TMR0 (Q4)
Ext. Clock Input or
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
TMR0
T0
T0 + 1
T0 + 2
Ext. Clock/Prescaler
Output After Sampling
(Note 3)
Note 1:
2:
3:
Delay from clock input change to TMR0 increment is 3Tosc to 7Tosc. (Duration of Q = Tosc).
Therefore, the error in measuring the interval between two edges on TMR0 input =
± 4Tosc max.
External clock if no prescaler selected, Prescaler output otherwise.
The arrows
↑ indicate where sampling occurs. A small clock pulse may be missed by sampling.
Prescaler Out (Note 2)
RA4/T0CKI
T0SE
pin
M
U
X
CLKOUT (= Fosc/4)
SYNC
2
Cycles
TMR0 register
8-bit Prescaler
8 - to - 1MUX
M
U
X
M U X
Watchdog
Timer
PSA
0
1
0
1
WDT
time-out
PS2:PS0
8
Note: T0CS, T0SE, PSA, PS2:PS0 are bits in the OPTION_REG register.
PSA
WDT Enable bit
M
U
X
0
1
0
1
Data Bus
Set bit T0IF
on overflow
8
PSA
T0CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com