Electronic Components Datasheet Search
  English  ▼

X  

PIC17C752 Datasheet(PDF) 243 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 243 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 239Page - Microchip Technology PIC17C752 Datasheet HTML 240Page - Microchip Technology PIC17C752 Datasheet HTML 241Page - Microchip Technology PIC17C752 Datasheet HTML 242Page - Microchip Technology PIC17C752 Datasheet HTML 243Page - Microchip Technology PIC17C752 Datasheet HTML 244Page - Microchip Technology PIC17C752 Datasheet HTML 245Page - Microchip Technology PIC17C752 Datasheet HTML 246Page - Microchip Technology PIC17C752 Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 243
PIC17C75X
TABLE 20-14: I2C BUS DATA REQUIREMENTS
Param.
No.
Sym
Characteristic
Min
Max Units
Conditions
100
THIGH
Clock high time
100 kHz mode
2(TOSC)(BRG + 1) §
—
µs
400 kHz mode
2(TOSC)(BRG + 1) §
—
µs
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
µs
101
TLOW
Clock low time
100 kHz mode
2(TOSC)(BRG + 1) §
—
µs
400 kHz mode
2(TOSC)(BRG + 1) §
—
µs
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
µs
102
TR
SDA and SCL
rise time
100 kHz mode
—
1000 *
ns
Cb is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1Cb *
300 *
ns
1 MHz mode (1)
—
300 *
ns
103
TF
SDA and SCL
fall time
100 kHz mode
—
300 *
ns
Cb is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1Cb *
300 *
ns
1 MHz mode (1)
—
100 *
ns
90
TSU:STA
START condition
setup time
100 kHz mode
2(TOSC)(BRG + 1) §
—
µs
Only relevant for repeated
START condition
400 kHz mode
2(TOSC)(BRG + 1) §
—
µs
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
µs
91
THD:STA
START condition
hold time
100 kHz mode
2(TOSC)(BRG + 1) §
—
µs
After this period the first
clock pulse is generated
400 kHz mode
2(TOSC)(BRG + 1) §
—
µs
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
µs
106
THD:DAT
Data input
hold time
100 kHz mode
0
—
ns
400 kHz mode
0
0.9 *
µs
1 MHz mode (1)
TBD *
—
ns
107
TSU:DAT
Data input
setup time
100 kHz mode
250 *
—
ns
Note 2
400 kHz mode
100 *
—
ns
1 MHz mode (1)
TBD *
—
ns
92
TSU:STO
STOP condition
setup time
100 kHz mode
2(TOSC)(BRG + 1) §
—
µs
400 kHz mode
2(TOSC)(BRG + 1) §
—
µs
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
µs
109
TAA
Output valid
from clock
100 kHz mode
—
3500 *
ns
400 kHz mode
—
1000 *
ns
1 MHz mode (1)
——
ns
110
TBUF
Bus free time
100 kHz mode
4.7 ‡
—
µs
Time the bus must be free
before a new transmission
can start
400 kHz mode
1.3 ‡
—
µs
1 MHz mode (1)
TBD *
—
µs
D102 ‡
Cb
Bus capacitive loading
—
400 *
pF
*
Characterized but not tested.
§
This specification ensured by design. For the value required by the I2C specification, please refer to Figure E-11.
‡
These parameters are for design guidance only and are not tested, nor characterized.
Note 1:
Maximum pin capacitance = 10 pF for all I2C pins.
2:
A fast-mode I2C-bus device can be used in a standard-mode I2C-bus system, but the parameter # 107
≥ 250 ns must then
be met. This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a
device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line.
Parameter # 102.+ # 107 = 1000 + 250 = 1250 ns (for 100 kHz-mode) before the SCL line is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com