Electronic Components Datasheet Search
  English  ▼

X  

PIC17C752 Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 24Page - Microchip Technology PIC17C752 Datasheet HTML 25Page - Microchip Technology PIC17C752 Datasheet HTML 26Page - Microchip Technology PIC17C752 Datasheet HTML 27Page - Microchip Technology PIC17C752 Datasheet HTML 28Page - Microchip Technology PIC17C752 Datasheet HTML 29Page - Microchip Technology PIC17C752 Datasheet HTML 30Page - Microchip Technology PIC17C752 Datasheet HTML 31Page - Microchip Technology PIC17C752 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 320 page
background image
PIC17C75X
DS30264A-page 28
Preliminary
© 1997 Microchip Technology Inc.
5.1.5
BROWN-OUT RESET (BOR)
PIC17C75X devices have an on-chip Brown-out Reset
circuitry. This circuitry places the device into a reset
when the device voltage falls below a trip point (BVDD).
This ensures that the device does not continue pro-
gram execution outside the valid operation range of the
device. Brown-out resets are typically used in AC line
applications or large battery applications where large
loads may be switched in (such as automotive).
A configuration bit, BODEN, can disable (if clear/pro-
grammed) or enable (if set) the Brown-out Reset cir-
cuitry. If VDD falls below BVDD (Typically 4.0V,
parameter D005 in electrical specification section), for
greater than parameter D035, the brown-out situation
will reset the chip. A reset is not guaranteed to occur if
VDD falls below BVDD for less than parameter D035.
The chip will remain in Brown-out Reset until VDD rises
above BVDD. The Power-up Timer will now be invoked
and will keep the chip in reset an additional 96 ms. If
VDD drops below BVDD while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be initialized. Once VDD
rises above BVDD, the Power-up Timer will execute a
96 ms time delay. Figure 5-10 shows typical Brown-out
situations.
In some applications the Brown-out reset trip point of
the device may not be at the desired level. Figure 5-8
and Figure 5-9 are two examples of external circuitry
that may be implemented. Each needs to be evaluated
to determine if they match the requirements of the
application.
Note: Before using the on-chip brown-out for a
voltage
supervisory
function,
please
review the electrical specifications to
ensure that they meet your requirements.
FIGURE 5-8: EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 1
FIGURE 5-9: EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 2
VDD
33k
10k
40 k
Ω
VDD
MCLR
PIC17CXXX
This circuit will activate reset when VDD goes below
(Vz + 0.7V) where Vz = Zener voltage.
This brown-out circuit is less expensive, albeit less
accurate. Transistor Q1 turns off when VDD is below a
certain level such that:
VDD •
R1
R1 + R2
= 0.7V
R2
40 k
Ω
VDD
MCLR
PIC17CXXX
R1
Q1
VDD
FIGURE 5-10: BROWN-OUT SITUATIONS
96 ms
BVDD Max.
BVDD Min.
VDD
Internal
Reset
BVDD Max.
BVDD Min.
VDD
Internal
Reset
96 ms
< 96 ms
96 ms
BVDD Max.
BVDD Min.
VDD
Internal
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com