Electronic Components Datasheet Search
  English  ▼

X  

PIC17C752 Datasheet(PDF) 314 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 314 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 310Page - Microchip Technology PIC17C752 Datasheet HTML 311Page - Microchip Technology PIC17C752 Datasheet HTML 312Page - Microchip Technology PIC17C752 Datasheet HTML 313Page - Microchip Technology PIC17C752 Datasheet HTML 314Page - Microchip Technology PIC17C752 Datasheet HTML 315Page - Microchip Technology PIC17C752 Datasheet HTML 316Page - Microchip Technology PIC17C752 Datasheet HTML 317Page - Microchip Technology PIC17C752 Datasheet HTML 318Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 320 page
background image
PIC17C75X
DS30264A-page 314
Preliminary
© 1997 Microchip Technology Inc.
Figure 16-3:
A/D Block Diagram ................................... 169
Figure 16-4:
Analog Input Model ................................... 170
Figure 16-5:
A/D Result Justification ............................. 173
Figure 16-6:
A/D Transfer Function............................... 174
Figure 16-7:
Flowchart of A/D Operation ...................... 175
Figure 17-1:
Configuration Words ................................. 177
Figure 17-2:
Watchdog Timer Block Diagram ............... 179
Figure 17-3:
Wake-up From Sleep Through Interrupt ... 180
Figure 17-4:
Typical In-Circuit Serial Programming
Connection................................................ 182
Figure 18-1:
General Format for Instructions ................ 184
Figure 18-2:
Q Cycle Activity......................................... 185
Figure 20-1:
Parameter Measurement Information ....... 231
Figure 20-2:
External Clock Timing ............................... 232
Figure 20-3:
CLKOUT and I/O Timing........................... 233
Figure 20-4:
Reset, Watchdog Timer, Oscillator Start-up
Timer, Power-up Timer, and Brown-out
Reset Timing............................................. 234
Figure 20-5:
Timer0 External Clock Timings ................. 235
Figure 20-6:
Timer1, Timer2, and Timer3 External
Clock Timings ........................................... 235
Figure 20-7:
Capture Timings ....................................... 236
Figure 20-8:
PWM Timings ........................................... 236
Figure 20-9:
SPI Master Mode Timing (CKE = 0) ......... 237
Figure 20-10: SPI Master Mode Timing (CKE = 1) ......... 238
Figure 20-11: SPI Slave Mode Timing (CKE = 0) ........... 239
Figure 20-12: SPI Slave Mode Timing (CKE = 1) ........... 240
Figure 20-13: I2C Bus Start/Stop Bits Timing.................. 241
Figure 20-14: I2C Bus Data Timing ................................. 242
Figure 20-15: USART Synchronous Transmission
(Master/Slave) Timing............................... 244
Figure 20-16: USART Synchronous Receive
(Master/Slave) Timing............................... 244
Figure 20-17: A/D Conversion Timing ............................. 246
Figure 20-18: Memory Interface Write Timing................. 247
Figure 20-19: Memory Interface Read Timing ................ 248
Figure 21-1:
Typical RC Oscillator Frequency vs.
Temperature ............................................. 249
Figure 21-2:
Typical RC Oscillator Frequency vs. VDD . 250
Figure 21-3:
Typical RC Oscillator Frequency vs. VDD . 250
Figure 21-4:
Typical RC Oscillator Frequency vs. VDD . 251
Figure 21-5:
Transconductance (gm) of LF Oscillator
vs. VDD...................................................... 252
Figure 21-6:
Transconductance (gm) of XT Oscillator
vs. VDD...................................................... 252
Figure 21-7:
Typical IDD vs. Frequency (External
Clock 25
°C)............................................... 253
Figure 21-8:
Maximum IDD vs. Frequency (External Clock
125
°C to -40°C) ........................................ 253
Figure 21-9:
Typical IPD vs. VDD Watchdog Disabled
25
°C.......................................................... 254
Figure 21-10: Maximum IPD vs. VDD Watchdog
Disabled .................................................... 254
Figure 21-11: Typical IPD vs. VDD Watchdog Enabled
25
°C.......................................................... 255
Figure 21-12: Maximum IPD vs. VDD Watchdog
Enabled..................................................... 255
Figure 21-13: WDT Timer Time-Out Period vs. VDD ....... 256
Figure 21-14: IOH vs. VOH, VDD = 3V .............................. 256
Figure 21-15: IOH vs. VOH, VDD = 5V .............................. 257
Figure 21-16: IOL vs. VOL, VDD = 3V ............................... 257
Figure 21-17: IOL vs. VOL, VDD = 5V ............................... 258
Figure 21-18: VTH (Input Threshold Voltage) of I/O Pins
(TTL) VS. VDD............................................ 258
Figure 21-19: VIH, VIL of I/O Pins (Schmitt Trigger) VS.
VDD ........................................................... 259
Figure 21-20: VTH (Input Threshold Voltage) of OSC1
Input (In XT and LF Modes) vs. VDD ....... 259
Figure E-1:
Start and Stop Conditions ........................ 267
Figure E-2:
7-bit Address Format ................................ 268
Figure E-3:
I2C 10-bit Address Format........................ 268
Figure E-4:
Slave-receiver Acknowledge .................... 268
Figure E-5:
Data Transfer Wait State .......................... 268
Figure E-6:
Master-transmitter Sequence ................... 269
Figure E-7:
Master-receiver Sequence ....................... 269
Figure E-8:
Combined Format..................................... 269
Figure E-9:
Multi-master Arbitration
(Two Masters) .......................................... 270
Figure E-10:
Clock Synchronization .............................. 270
Figure E-11:
I2C Bus Start/Stop Bits Timing
Specification ............................................. 271
Figure E-12:
I2C Bus Data Timing Specification .......... 272
Figure F-1:
PIC17C75X Register File Map ................. 273
Figure F-2:
ALUSTA Register (Address: 04h,
Unbanked) ................................................ 274
Figure F-3:
T0STA Register (Address: 05h,
Unbanked) ................................................ 275
Figure F-4:
CPUSTA Register (Address: 06h,
Unbanked) ................................................ 276
Figure F-5:
INTSTA Register (Address: 07h,
Unbanked) ................................................ 277
Figure F-6:
PIE1 Register (Address: 17h, Bank 1) ..... 278
Figure F-7:
PIE2 Register (Address: 11h, Bank 4) ..... 279
Figure F-8:
PIR1 Register (Address: 16h, Bank 1) ..... 280
Figure F-9:
PIR2 Register (Address: 10h, Bank 4) ..... 281
Figure F-10:
TXSTA1 Register (Address: 15h, Bank 0)
TXSTA2 Register (Address: 15h,
Bank 4) ..................................................... 282
Figure F-11:
RCSTA1 Register (Address: 13h,
Bank 0)
RCSTA2 Register (Address: 13h,
Bank 4) ..................................................... 283
Figure F-12:
TCON1 Register (Address: 16h,
Bank 3) ..................................................... 284
Figure F-13:
TCON2 Register (Address: 17h,
Bank 3) ..................................................... 285
Figure F-14:
TCON3 Register (Address: 16h,
Bank 7) ..................................................... 286
Figure F-15:
ADCON0 Register (Address: 14h,
Bank 5) ..................................................... 287
Figure F-16:
ADCON1 Register (Address 15h,
Bank 5) ..................................................... 288
Figure F-17:
SSPSTAT: Sync Serial Port Status
Register (Address: 13h, BANK 6)............. 289
Figure F-18:
SSPCON1: Sync Serial Port Control
Register (Address 11h, BANK 6).............. 290
Figure F-19:
SSPCON2: Sync Serial Port Control
Register2 (Address 12h, BANK 6)........... 291



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com