Electronic Components Datasheet Search
  English  ▼

X  

PIC17C752 Datasheet(PDF) 224 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 224 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 220Page - Microchip Technology PIC17C752 Datasheet HTML 221Page - Microchip Technology PIC17C752 Datasheet HTML 222Page - Microchip Technology PIC17C752 Datasheet HTML 223Page - Microchip Technology PIC17C752 Datasheet HTML 224Page - Microchip Technology PIC17C752 Datasheet HTML 225Page - Microchip Technology PIC17C752 Datasheet HTML 226Page - Microchip Technology PIC17C752 Datasheet HTML 227Page - Microchip Technology PIC17C752 Datasheet HTML 228Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 320 page
background image
PIC17C75X
DS30264A-page 224
Preliminary
© 1997 Microchip Technology Inc.
TABLE 20-1: CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC17LC752-08
PIC17LC756-08
PIC17C752-25
PIC17C756-25
PIC17C752-33
PIC17C756-33
JW Devices
(Ceramic Windowed
Devices)
RC
VDD: 3.0V to 6.0V
IDD †: 6 mA max.
IPD †: 5
µA max. at 5.5V
Freq: 4 MHz max.
VDD: 4.5V to 6.0V
IDD †: 6 mA max.
IPD †: 5
µA max. at 5.5V
Freq: 4 MHz max.
VDD: 4.5V to 6.0V
IDD †: 6 mA max.
IPD †: 5
µA max. at 5.5V
Freq: 4 MHz max.
VDD: 4.5V to 6.0V
IDD †: 6 mA max.
IPD †: 5
µA max. at 5.5V
Freq: 4 MHz max.
XT
VDD: 3.0V to 6.0V
IDD †: 12 mA max.
IPD †: 5
µA max. at 5.5V
Freq: 8 MHz max.
VDD: 4.5V to 6.0V
IDD †: 38 mA max.
IPD †: 5
µA max. at 5.5V
Freq: 25 MHz max.
VDD: 4.5V to 6.0V
IDD †: 50 mA max.
IPD †: 5
µA max. at 5.5V
Freq: 33 MHz max.
VDD: 4.5V to 6.0V
IDD †: 50 mA max.
IPD †: 5
µA max. at 5.5V
Freq: 33 MHz max.
EC
VDD: 3.0V to 6.0V
IDD †: 12 mA max.
IPD †: 5
µA max. at 5.5V
Freq: 8 MHz max.
VDD: 4.5V to 6.0V
IDD †: 38 mA max.
IPD †: 5
µA max. at 5.5V
Freq: 25 MHz max.
VDD: 4.5V to 6.0V
IDD †: 50 mA max.
IPD †: 5
µA max. at 5.5V
Freq: 33 MHz max.
VDD: 4.5V to 6.0V
IDD †: 50 mA max.
IPD †: 5
µA max. at 5.5V
Freq: 33 MHz max.
LF
VDD: 3.0V to 6.0V
IDD †: 115
µA max. at 32 kHz
IPD †: 5
µA max. at 5.5V
Freq: 2 MHz max.
VDD: 4.5V to 6.0V
IDD †: 85
µA typ. at 32 kHz
IPD †: < 1
µA typ. at 5.5V
Freq: 2 MHz max.
VDD: 4.5V to 6.0V
IDD †: 85
µA typ. at 32 kHz
IPD †: < 1
µA typ. at 5.5V
Freq: 2 MHz max.
VDD: 3.0V to 6.0V
IDD †: 115
µA max. at 32 kHz
IPD †: 5
µA max. at 5.5V
Freq: 2 MHz max.
The shaded sections indicate oscillator selections which are tested for functionality, but not for MIN/MAX specifications.
It is recommended that the user select the device type that ensures the specifications required.
†
The WDT, BOR,and A/D circuitry are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com